Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 138 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 138 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 134Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 135Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 136Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 137Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 138Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 139Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 140Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 141Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 142Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
126
Address
Register
0x0930, 0x0932,
0x0934, 0x0936,
0x0938, 0x093A,
0x093C
VTPP Egress, TU #4 in TUG2 #1 to TUG2 #7,
Configuration and Status
0x0931, 0x0933,
0x0935, 0x0937,
0x0939, 0x093B,
0x093D
VTPP Egress, TU #4 in TUG2 #1 to TUG2 #7, Alarm
Status
0x093E
VTPP Egress, TU #4 in TUG2 #1 to TUG2 #7, LOP
Interrupt
0x093F
VTPP Egress, TU #4 in TUG2 #1 to TUG2 #7, AIS
Interrupt
0x0940 – 0x97F
Egress VTPP #2
0x0980 – 0x9BF
Egress VTPP #3
0x09C0
Byte Synchronous Mapping Control Register
0x09C3
Byte Synchronous Mapping Tributary Indirect
Access Address Register
0x09C4
Byte Synchronous Mapping Tributary Indirect
Access Control Register
0x09C5
Byte Synchronous Mapping Tributary Mapping
Indirect Access Data Register
0x09C6
Byte Synchronous Mapping Tributary Control
Indirect Access Data Register
0x09E0
Byte Synchronous Demapping Control Register
0x09E3
Byte Synchronous Demapping Tributary RAM
Indirect Access Address Register
0x09E4
Byte Synchronous Demapping Tributary RAM
Indirect Access Control Register
0x09E5
Byte Synchronous Demapping Tributary Mapping
RAM Indirect Access Data Register
0x09E6
Byte Synchronous Demapping Tributary Control
RAM Indirect Access Data Register
0x0x9EF
Byte Synchronous Demapping FIFO Control
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com