Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 170 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 170 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 166Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 167Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 168Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 169Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 170Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 171Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 172Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 173Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 174Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
158
Figure 13
- FER Count vs. BER (E1 mode)
0
50
100
150
200
250
0
1
2
3
4
5
6
7
8
9
Average Count Over
Many 1 Second Intervals
Framing Bit Error Count Per Second
Since the maximum number of CRC sub-multiframes that can occur in one
second is 1000, the 10-bit FEBE and CRCE counters cannot saturate in one
second. Despite this, there is not a linear relationship between BER and CRC-4
block errors due to the nature of the CRC-4 calculation. At BERs below 10-4,
there tends to be no more than one bit error per sub-multiframe, so the number
of CRC-4 errors is generally equal to the number of bit errors, which is directly
related to the BER. However, at BERs above 10-4, each CRC-4 error is often
due to more than one bit error. Thus, the relationship between BER and CRCE
count becomes non-linear above a 10-4 BER. This must be taken into account
when using CRC-4 counts to determine the BER. Since FEBEs are indications of
CRCEs at the far end, and are accumulated identically to CRCEs, the same
explanation holds for the FEBE event counter.
The bit error rate for E1 can be calculated from the one-second PMON CRCE
count by the following equation:
Bit Error Rate = 1 - 10
ö
çç
ç
ç
ç
è
æ
÷ö
ç
è
æ −
256
*
8
8000
8
1
log
CRCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com