Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 172Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 173Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 174Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 175Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 176Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 177Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 178Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 179Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
164
1. Wait until data is available to be transmitted, then go to step 2.
2. Read the TDPR Interrupt Status register.
3. If FULL=1, then the TDPR FIFO is full and no further bytes can be written.
Continue polling the TDPR Interrupt Status register until either FULL=0 or
BLFILL=1. Then, go to either step 4 or 5 depending on implementation
preference.
4. If BLFILL=1, then the TDPR FIFO depth is below its lower threshold limit.
Write the data into the TDPR Transmit Data register. Go to step 6.
5. If FULL=0, then the TDPR FIFO has room for at least 1 more byte to be
written. Write the data into the TDPR Transmit Data register. Go to step 6.
6. If more data bytes are to be transmitted in the packet, then go to step 2.
If all bytes in the packet have been sent, then set the EOM bit in the TDPR
Configuration register to logic 1. Go to step 1.
12.7 Using the Internal DS3 or E3 Data Link Receiver
It is important to note that the access rate to the RDLC registers is limited by the
rate of the internal DS3 or E3 clock. Consecutive accesses to the RDLC Status
and RDLC Data registers should be accessed at a rate no faster than 1/10 that
of the selected RDLC high-speed system clock. This time is used by the high-
speed system clock to sample the event and update the FIFO status.
Instantaneous variations in the DS3 or E3 frequencies (e.g. jitter in the receive
line clock) must be considered when determining the procedure used to read
RDLC registers.
On power up of the system, the RDLC should be disabled by setting the EN bit in
the Configuration Register to logic 0 (default state). The RDLC Interrupt Control
register should then be initialized to enable the INTB output and to select the
FIFO buffer fill level at which an interrupt will be generated. If the INTE bit is not
set to logic 1, the RDLC Status register must be continuously polled to check the
interrupt status (INTR) bit.
After the RDLC Interrupt Control register has been written, the RDLC can be
enabled at any time by setting the EN bit in the RDLC Configuration register to
logic 1. When the RDLC is enabled, it will assume the link status is idle (all
ones) and immediately begin searching for flags. When the first flag is found, an
interrupt will be generated, and a dummy byte will be written into the FIFO buffer.
This is done to provide alignment of link up status with the data read from the
FIFO. When an abort character is received, another dummy byte and link down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com