Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 201 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 201 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 197Page - PMC-Sierra, Inc PM7344 Datasheet HTML 198Page - PMC-Sierra, Inc PM7344 Datasheet HTML 199Page - PMC-Sierra, Inc PM7344 Datasheet HTML 200Page - PMC-Sierra, Inc PM7344 Datasheet HTML 201Page - PMC-Sierra, Inc PM7344 Datasheet HTML 202Page - PMC-Sierra, Inc PM7344 Datasheet HTML 203Page - PMC-Sierra, Inc PM7344 Datasheet HTML 204Page - PMC-Sierra, Inc PM7344 Datasheet HTML 205Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
185
HCS byte exiting the FIFO is 55H. When FIXPAT is logic 0, the pattern force
in the HCS byte is an alternating AAH/55H pattern which alternate every cell.
LCD:
The LCD bit indicates the state of the Loss of Cell Delineation indication.
When LCD is logic 1, an out of cell delineation (OCD) defect has persisted for
a programmable time (see the RXCP LCD Count Threshold register),
LCDI:
The LCDI bit is set to logic 1 when the state of loss of cell delineation (LCD)
changes. The LCDI bit position is set to logic 0 when this register is read.
LCDE:
The LCDE bit enables the generation of an interrupt when the LCD state
changes. When a logic 1 is written to the LCDE bit position, the interrupt
generation is enabled.
REMPTY4:
The REMPTY4 bit selects the amount of advance indication given on the
receive cell available (RCA) signal. When REMPTY4 is logic 1, RCA is
deasserted when the receive FIFO is almost empty and can accept no more
than four byte read requests before having no more cells available to be read.
When REMPTY4 is logic 0, RCA is deasserted to logic 0 when the receive
FIFO can accept no more read requests (if a read request is made while RCA
is low, the read request is ignored).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com