Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 52Page - PMC-Sierra, Inc PM7344 Datasheet HTML 53Page - PMC-Sierra, Inc PM7344 Datasheet HTML 54Page - PMC-Sierra, Inc PM7344 Datasheet HTML 55Page - PMC-Sierra, Inc PM7344 Datasheet HTML 56Page - PMC-Sierra, Inc PM7344 Datasheet HTML 57Page - PMC-Sierra, Inc PM7344 Datasheet HTML 58Page - PMC-Sierra, Inc PM7344 Datasheet HTML 59Page - PMC-Sierra, Inc PM7344 Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
40
9
FUNCTIONAL DESCRIPTION
9.1
Digital Receive Interface (DRIF)
The Digital Receive Interface provides control over the various input options
available on the multifunctional digital receive pins RDP/RDD and
RDN/RLCV/ROH. When configured for dual-rail input, the multifunctional pins
become the RDP and RDN inputs. These inputs can be enabled to receive
either return-to-zero (RZ) or non-return-to-zero (NRZ) signals; the NRZ input
signals can be sampled on either the rising or falling edge of RCLKI. When the
interface is configured for single-rail input, the multifunctional pins become the
RDD and RLCV inputs, which can be sampled on either the rising or falling
RCLKI edge. Finally, when the T1/E1 framers are bypassed, the multifunction
pins become the RDD and ROH inputs, which support arbitrary bit rate interfaces
such as the 6.312 Mbit J2 rate. The S/UNI-MPH contains internal logic that
allows it to be interfaced directly to the Transwitch JT2F framer device. A single
S/UNI-MPH along with four JT2Fs is used to implement a quad J2 user network
interface.
Clock and Data Recovery
The Clock and Data Recovery function is contained in the DRIF block and is
active when clock recovery is enabled for T1 or E1 interfaces in the dual-rail
input configuration. The CDRC provides clock and data recovery, B8ZS/HDB3
decoding, bipolar violation detection, and loss of signal detection. It recovers the
clock from the incoming RZ data pulses using a digital phase-locked-loop and
recovers the NRZ data. Loss of signal is declared after exceeding a
programmed threshold of 10, 31, 63, or 175 consecutive bit periods of the
absence of pulses on both the positive and negative line pulse inputs and is
removed after the occurrence of a single line pulse. An alternate loss of signal
removal criteria requires that minimum pulse density requirements be satisfied
before loss of signal is removed. If enabled, a microprocessor interrupt is
generated when a loss of signal is detected and when the signal returns.
The input jitter tolerance for T1 interfaces complies with the Bellcore Document
TA-TSY-000170 and with the AT&T specification TR 62411. The tolerance is
measured with a QRSS sequence (220-1 with 14 zero restriction). The CDRC
block provides two algorithms for clock recovery that result in differing jitter
tolerance characteristics. The first algorithm (when the ALGSEL register bit is
logic 0) provides good low frequency jitter tolerance, but the high frequency
tolerance is close to the TR 62411 limit. The second algorithm (when ALGSEL is
logic 1) provides much better high frequency jitter tolerance, approaching
0.5UIpp (Unit Intervals peak-to-peak), at the expense of the low frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com