Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 49Page - PMC-Sierra, Inc PM7344 Datasheet HTML 50Page - PMC-Sierra, Inc PM7344 Datasheet HTML 51Page - PMC-Sierra, Inc PM7344 Datasheet HTML 52Page - PMC-Sierra, Inc PM7344 Datasheet HTML 53Page - PMC-Sierra, Inc PM7344 Datasheet HTML 54Page - PMC-Sierra, Inc PM7344 Datasheet HTML 55Page - PMC-Sierra, Inc PM7344 Datasheet HTML 56Page - PMC-Sierra, Inc PM7344 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
Pin Name
Type
Pin
No.
Function
TCK
Input
103
Test Clock (TCK). This signal provides timing for
test operations that can be carried out using the
IEEE P1149.1 test access port.
TMS
Input
104
Test Mode Select (TMS). This signal controls the
test operations that can be carried out using the
IEEE P1149.1 test access port. TMS is sampled
on the rising edge of TCK. TMS has an integral
pull up resistor.
TDI
Input
102
Test Data Input (TDI). This signal carries test
data into the S/UNI-MPH via the IEEE P1149.1
test access port. TDI is sampled on the rising
edge of TCK. TDI has an integral pull up
resistor.
TDO
Tristate
Output
101
Test Data Output (TDO). This signal carries test
data out of the S/UNI-MPH via the IEEE
P1149.1 test access port. TDO is updated on
the falling edge of TCK. TDO is a tri-state
output which is inactive except when scanning
of data is in progress.
TRSTB
Input
105
Active low Test Reset (TRSTB). This signal
provides an asynchronous S/UNI-MPH test
access port reset via the IEEE P1149.1 test
access port. TRSTB is a Schmitt triggered input
with an integral pull up resistor. TRSTB must be
asserted during the power up sequence.
Note that if not used, TRSTB must be
connected to the RSTB input.
VDD_AC[2]
VDD_AC[1]
VDD_AC[0]
Power
88
50
18
Pad Ring Power (VDD_AC[2:0]). These pins
should be connected to a well decoupled +5 V
DC in common with VDD_DC[3:0]
VDD_DC[3]
VDD_DC[2]
VDD_DC[1]
VDD_DC[0]
Power
116
86
52
20
DC Power (VDD_DC[3:0]). These pins should
be connected to a well decoupled +5 V DC in
common with VDD_AC[2:0].
VSS_AC[2]
VSS_AC[1]
VSS_AC[0]
Ground
87
51
19
Pad Ring Ground (VSS_AC[2:0]). These pins
should be connected to GND in common with
VSS_DC[3:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com