Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 27 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 27 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 23Page - PMC-Sierra, Inc PM7344 Datasheet HTML 24Page - PMC-Sierra, Inc PM7344 Datasheet HTML 25Page - PMC-Sierra, Inc PM7344 Datasheet HTML 26Page - PMC-Sierra, Inc PM7344 Datasheet HTML 27Page - PMC-Sierra, Inc PM7344 Datasheet HTML 28Page - PMC-Sierra, Inc PM7344 Datasheet HTML 29Page - PMC-Sierra, Inc PM7344 Datasheet HTML 30Page - PMC-Sierra, Inc PM7344 Datasheet HTML 31Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
11
Figure 2
- Example 2. DS3 Port Carrying Multiplexed T1 or E1 ATM UNI
Signals
PM7344
S/UNI-MPH
PM8313
D3MX
Generic
Microprocessor
Bus
DSX-3
Analog
Interface
Crystal Oscillator Clock
12.352 MHz
1.544 MHz
Transmit
Reference Clock
PM7344
S/UNI-MPH
SCI-PHYTM
Multi-PHY
ATM Cell Bus
DSX-3
Line Interface With
Clock Recovery
Quad T1/E1
Multi-PHY
User Network Interface
Integrated M13
Multiplexer
6.312 MHz
Optional Transmit
Reference Clock
44.736 MHz
Transmit
Reference Clock
12.352 MHz
1.544 MHz
# 1
# 7
Quad T1/E1
Multi-PHY
User Network Interface
Example 2 shows seven PM7344 S/UNI-MPH devices used with a PM8313
D3MX device and a generic DSX-3 LIU device being used to implement a DS3
port where the DS3 carries a multiplex of DS1 (or E1) UNI signals.
In this example, each S/UNI-MPH provides four duplex DS1 signals to the D3MX
device which, in turn, performs the asynchronous multiplex and demultiplex
function required to map these into a DS3 signal. The D3MX may use the
traditional M23 format or may use the C-bit parity format when performing this
multiplex. Note that the D3MX may also be configured for G.747 multiplexing of
three E1 signals into each of the seven DS2 signals within the overall DS3
signal. Many generic DSX-3 line interface unit devices may be used with the
D3MX to implement a DSX-3 electrical interface on the high speed line side of
such a system. Each S/UNI-MPH device implements the T1 or E1 UNI function
for four T1 or E1 streams. The seven S/UNI-MPH devices may be serviced by a
common ATM layer device through a shared (SCI-PHYTM) multi-PHY bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com