Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc PM7344 Datasheet HTML 39Page - PMC-Sierra, Inc PM7344 Datasheet HTML 40Page - PMC-Sierra, Inc PM7344 Datasheet HTML 41Page - PMC-Sierra, Inc PM7344 Datasheet HTML 42Page - PMC-Sierra, Inc PM7344 Datasheet HTML 43Page - PMC-Sierra, Inc PM7344 Datasheet HTML 44Page - PMC-Sierra, Inc PM7344 Datasheet HTML 45Page - PMC-Sierra, Inc PM7344 Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
26
Pin Name
Type
Pin
No.
Function
RRDMPHB
Input
79
Receive Multi-Phy Read Enable (RRDMPHB).
The RRDMPHB signal is available on this pin
when input MPHEN is high. RRDMPHB is used
to initiate reads from the receive FIFOs. When
sampled low using the rising edge of RFCLK, a
byte is read from the receive FIFO selected by
the RRA[1:0] address bus (if one is available)
and output on bus RDAT[7:0]. When sampled
high using the rising edge of RFCLK, no read is
performed and RDAT[7:0] and RSOC are
tristated. RRDMPHB must operate in
conjunction with RFCLK to access the FIFOs at
a high enough instantaneous rate as to avoid
FIFO overflows. The ATM layer device may
deassert RRDMPHB at anytime it is unable to
accept another byte.
RRDENB[1]
Receive Read Enable PHY #1 (RRDENB[1]).
The RRDENB[1] signal is available on this pin
when input MPHEN is low. RRDENB[1] is used
to initiate reads from the receive FIFO of PHY
#1. When sampled low using the rising edge of
RFCLK (and the remaining three RRDENBs
remain high), a byte is read from PHY #1's
synchronous FIFO and output on bus RDAT[7:0]
if one is available. When sampled high using
the rising edge of RFCLK, no read is performed
and RDAT[7:0] and RSOC are tristated.
RRDENB[1] must operate in conjunction with
RFCLK to access the FIFOs at a high enough
instantaneous rate as to avoid FIFO overflows.
The ATM layer device may deassert RRDENB[1]
at anytime it is unable to accept another byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com