Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 30Page - PMC-Sierra, Inc PM7344 Datasheet HTML 31Page - PMC-Sierra, Inc PM7344 Datasheet HTML 32Page - PMC-Sierra, Inc PM7344 Datasheet HTML 33Page - PMC-Sierra, Inc PM7344 Datasheet HTML 34Page - PMC-Sierra, Inc PM7344 Datasheet HTML 35Page - PMC-Sierra, Inc PM7344 Datasheet HTML 36Page - PMC-Sierra, Inc PM7344 Datasheet HTML 37Page - PMC-Sierra, Inc PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
8
PIN DESCRIPTION
Pin Name
Type
Pin
No.
Function
RDP[4]
RDP[3]
RDP[2]
RDP[1]/
Input
Receive Digital Positive Line Pulse (RDP). This
signal is available when the S/UNI-MPH is
configured to receive dual-rail formatted data.
The RDP input can be enabled for either RZ or
NRZ waveforms. When enabled for NRZ, RDP
may be enabled to be sampled on the rising or
falling edge of RCLKI. When enabled for RZ,
clock is recovered from the RDP and RDN
inputs.
RDD[4]
RDD[3]
RDD[2]
RDD[1]
33
7
4
1
Receive Digital Data (RDD). When the
S/UNI-MPH is configured to receive single-rail
data or when the T1/E1 framers are bypassed,
this signal contains the receive data stream.
RDD may be enabled to be sampled on the
rising or falling edge of RCLKI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com