Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 175 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 175 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 171Page - PMC-Sierra, Inc PM7344 Datasheet HTML 172Page - PMC-Sierra, Inc PM7344 Datasheet HTML 173Page - PMC-Sierra, Inc PM7344 Datasheet HTML 174Page - PMC-Sierra, Inc PM7344 Datasheet HTML 175Page - PMC-Sierra, Inc PM7344 Datasheet HTML 176Page - PMC-Sierra, Inc PM7344 Datasheet HTML 177Page - PMC-Sierra, Inc PM7344 Datasheet HTML 178Page - PMC-Sierra, Inc PM7344 Datasheet HTML 179Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
159
11.1
Registers x49-x4FH: Latching Performance Data
All the Performance Data registers for one of the four interfaces on the S/UNI-
MPH are updated as a group by writing to any of the PMON count registers
(addresses x49H-x4FH). A write to any of these locations loads performance
data located in the PMON block into the internal holding registers. The data
contained in the holding registers can then be subsequently read by
microprocessor accesses into the PMON block count register address space.
The latching of count data, and subsequent resetting of the counters, is
synchronized to the internal event timing so that no events are missed. NOTE: it
is necessary to write to one, and only one, count register address to latch all the
count data register values into the holding registers and to reset all the counters
for each polling cycle.
Alternately, one may write to the Global Monitoring Update register (00CH) to
transfer the contents of each of the four PMON blocks, along with ATM cell
monitoring information from each of the four RXCP and TXCP blocks at the
same time. The transfer in progress (TIP) bit in register 00CH is polled to
determine when the transfer is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com