Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69103 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYRF69103 Datasheet HTML 1Page - Cypress Semiconductor CYRF69103 Datasheet HTML 2Page - Cypress Semiconductor CYRF69103 Datasheet HTML 3Page - Cypress Semiconductor CYRF69103 Datasheet HTML 4Page - Cypress Semiconductor CYRF69103 Datasheet HTML 5Page - Cypress Semiconductor CYRF69103 Datasheet HTML 6Page - Cypress Semiconductor CYRF69103 Datasheet HTML 7Page - Cypress Semiconductor CYRF69103 Datasheet HTML 8Page - Cypress Semiconductor CYRF69103 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Programmable Radio on Chip
Low Power
CYRF69103
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 001-07611 Rev *B
Revised January 20, 2007
PRoC™ LP Features
• Single Device, Two Functions
— 8-bit, Flash based MCU function and 2.4 GHz radio
transceiver function in a single device.
• Flash-Based Microcontroller Function
— M8C based 8-bit CPU, optimized for Human Interface
Devices (HID) applications
— 256 Bytes of SRAM
— 8 Kbytes of Flash memory with EEPROM emulation
— In-System reprogrammable
— CPU speed up to 12 MHz
— 16-bit free-running timer
— Low power wakeup timer
— 12-bit Programmable Interval Timer with interrupts
— Watchdog timer
• Industry-Leading 2.4 GHz Radio Transceiver Function
— Operates in the unlicensed worldwide Industrial,
Scientific, and Medical (ISM) band
(2.4 GHz–2.483 GHz)
— DSSS data rates of up to 250 Kbps
— GFSK data rate of 1 Mbps
— –97 dBm receive sensitivity
— Programmable output power up to +4 dBm
— Auto Transaction Sequencer (ATS)
— Framing CRC and Auto ACK
— Received Signal Strength Indication (RSSI)
— Automatic Gain Control (AGC)
• Component Reduction
— Integrated 1.8V boost converter
— GPIOs that require no external components
— Operates off a single crystal
• Flexible I/O
— High current drive on GPIO pins. Configurable 8-mA or
50-mA/pin current sink on designated pins
— Each GPIO pin supports high-impedance inputs, config-
urable pull up, open drain output, CMOS/TTL inputs, and
CMOS output
— Maskable interrupts on all I/O pins
• Operating voltage from 1.8V to 3.6V DC
• Operating temperature from 0 to 70°C
• Lead-free 40-lead QFN package
• Advanced development tools based on Cypress’s PSoC®
tools
Microcontroller
Function
Radio
Function
RFn
RFp
RFbias
12MHz
470nF
P0_2:4,7
P1_0:2,6:7
P2_0:1
470nF
. . . . . . .
IRQ/GPIO
MISO/GPIO
XOUT/GPIO
PACTL/GPIO
VCC
P1.5/MOSI
P1.4/SCK
P1.3/nSS
. . . . .
2
5
4
10µF
47µF
VCC
PROC™ LP
CYRF69103
Block Diagram
[+] Feedback
[+] Feedback


Similar Part No. - CYRF69103

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
1Mb / 65P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power 16-bit free running timer
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power 16-bit free running timer
More results

Similar Description - CYRF69103

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com