Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69103 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 9Page - Cypress Semiconductor CYRF69103 Datasheet HTML 10Page - Cypress Semiconductor CYRF69103 Datasheet HTML 11Page - Cypress Semiconductor CYRF69103 Datasheet HTML 12Page - Cypress Semiconductor CYRF69103 Datasheet HTML 13Page - Cypress Semiconductor CYRF69103 Datasheet HTML 14Page - Cypress Semiconductor CYRF69103 Datasheet HTML 15Page - Cypress Semiconductor CYRF69103 Datasheet HTML 16Page - Cypress Semiconductor CYRF69103 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 13 of 73
Examples
Destination Indexed Source Immediate
The result of an instruction using this addressing mode is
placed within either the RAM memory space or the register
space. Operand 1 is added to the X register to form the
address of the result. The source for the instruction is Operand
2, which is an immediate value. Arithmetic instructions require
two sources; the second source is the location specified by
Operand 1 added with the X register. Instructions using this
addressing mode are three bytes in length.
Examples
Destination Direct Source Direct
The result of an instruction using this addressing mode is
placed within the RAM memory. Operand 1 is the address of
the result. Operand 2 is an address that points to a location in
the RAM memory that is the source for the instruction. This
addressing mode is only valid on the MOV instruction. The
instruction using this addressing mode is three bytes in length.
Example
Source Indirect Post Increment
The result of an instruction using this addressing mode is
placed in the Accumulator. Operand 1 is an address pointing
to a location within the memory space, which contains an
address (the indirect address) for the source of the instruction.
The indirect address is incremented as part of the instruction
execution. This addressing mode is only valid on the MVI
instruction. The instruction using this addressing mode is two
bytes in length. Refer to the PSoC Designer: Assembly
Language User Guide for further details on MVI instruction.
Example
Destination Indirect Post Increment
The result of an instruction using this addressing mode is
placed within the memory space. Operand 1 is an address
pointing to a location within the memory space, which contains
an address (the indirect address) for the destination of the
instruction. The indirect address is incremented as part of the
instruction execution. The source for the instruction is the
Accumulator. This addressing mode is only valid on the MVI
instruction. The instruction using this addressing mode is two
bytes in length.
Example
ADD
[7],
5
;In this case, value in the
;memory location at address 7 is
;added to the immediate value of
;5, and the result is placed in
;the memory location at address 7.
MOV
REG[8],
6
;In this case, the immediate
;value of 6 is moved into the
;register space location at
;address 8.
Table 15.Destination Indexed Source Immediate
Opcode
Operand 1
Operand 2
Instruction
Destination Index
Immediate Value
ADD
[X+7],
5
;In this case, the value in
;the memory location at
;address X+7 is added with
;the immediate value of 5
;and the result is placed in
;the memory location at
;address X+7.
MOV
REG[X+8],
6
;In this case, the
;immediate value of 6 is
;moved into the location in
;the register space at
;address X+8.
Table 16.Destination Direct Source Direct
Opcode
Operand 1
Operand 2
Instruction
Destination Address
Source Address
MOV
[7],
[8]
;In this case, the value in the
;memory location at address 8 is
;moved to the memory location at
;address 7.
Table 17.Source Indirect Post Increment
Opcode
Operand 1
Instruction
Source Address Address
MVI
A,
[8]
;In this case, the value in the
;memory location at address 8 is
;an indirect address. The memory
;location pointed to by the
;indirect address is moved into the
;Accumulator. The indirect
;address is then incremented.
Table 18.Destination Indirect Post Increment
Opcode
Operand 1
Instruction
Destination Address Address
MVI
[8],
A
;In this case, the value in
;the memory location at
;address 8 is an indirect
;address. The Accumulator is
;moved into the memory location
;pointed to by the indirect
;address. The indirect address
;is then incremented.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com