Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69103 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 25Page - Cypress Semiconductor CYRF69103 Datasheet HTML 26Page - Cypress Semiconductor CYRF69103 Datasheet HTML 27Page - Cypress Semiconductor CYRF69103 Datasheet HTML 28Page - Cypress Semiconductor CYRF69103 Datasheet HTML 29Page - Cypress Semiconductor CYRF69103 Datasheet HTML 30Page - Cypress Semiconductor CYRF69103 Datasheet HTML 31Page - Cypress Semiconductor CYRF69103 Datasheet HTML 32Page - Cypress Semiconductor CYRF69103 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 29 of 73
Low-Voltage Detect Control
POR Compare State
Table 39.Low-voltage Control Register (LVDCR) [0x1E3] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
PORLEV[1:0]
Reserved
VM[2:0]
Read/Write
–
–
R/W
R/W
–
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
This register controls the configuration of the Power-on Reset/Low-voltage Detection circuit. This register can only be accessed in the second
bank of I/O space. This requires setting the XIO bit in the CPU flags register.
Bits 7:6
Reserved
Bits 5:4
PORLEV[1:0]
This field controls the level below which the precision power-on-reset (PPOR) detector generates a reset
0 0 = 2.7V Range (trip near 2.6V)
0 1 = 3V Range (trip near 2.9V)
1 0 = Reserved
1 1 = PPOR will not generate a reset, but values read from the Voltage Monitor Comparators Register (
Table 40) give the inter-
nal PPOR comparator state with trip point set to the 3V range setting.
Bit 3
Reserved
Bits 2:0
VM[2:0]
This field controls the level below which the low-voltage-detect trips—possibly generating an interrupt and the level at which the
Flash is enabled for operation.
VM[2:0]
LVD Trip Point (V)
Min.
Max.
Typical
000
2.69
2.72
2.7
001
2.90
2.94
2.92
010
3.00
3.04
3.02
011
3.10
3.15
3.13
100
Reserved
101
Reserved
110
Reserved
111
Reserved
Table 40.Voltage Monitor Comparators Register (VLTCMP) [0x1E4] [R]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
LVD
PPOR
Read/Write
–
–
–
–
–
–
R
R
Default
0
0
0
0
0
0
0
0
This read-only register allows reading the current state of the Low-voltage Detection and Precision-Power-On-Reset comparators
Bits 7:2
Reserved
Bit 1
LVD
This bit is set to indicate that the low-voltage-detect comparator has tripped, indicating that the supply voltage has gone below
the trip point set by VM[2:0] (See
Table 39.)
0 = No low-voltage-detect event
1 = A low-voltage-detect has tripped
Bit 0
PPOR
This bit is set to indicate that the precision-power-on-reset comparator has tripped, indicating that the supply voltage is below
the trip point set by PORLEV[1:0]
0 = No precision-power-on-reset event
1 = A precision-power-on-reset event has tripped
Note This register can only be accessed in the second bank of I/O space. This requires setting the XIO bit in the CPU flags register
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com