Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69103 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYRF69103 Datasheet HTML 1Page - Cypress Semiconductor CYRF69103 Datasheet HTML 2Page - Cypress Semiconductor CYRF69103 Datasheet HTML 3Page - Cypress Semiconductor CYRF69103 Datasheet HTML 4Page - Cypress Semiconductor CYRF69103 Datasheet HTML 5Page - Cypress Semiconductor CYRF69103 Datasheet HTML 6Page - Cypress Semiconductor CYRF69103 Datasheet HTML 7Page - Cypress Semiconductor CYRF69103 Datasheet HTML 8Page - Cypress Semiconductor CYRF69103 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 2 of 73
Applications
The CYRF69103 PRoC LP is targeted for the following appli-
cations:
• Wireless HID devices
—Mice
— Remote Controls
— Presenter tools
— Barcode scanners
— POS terminal
• General purpose wireless applications:
— Industrial applications
— Home automation
— White goods
— Consumer electronics
—Toys
Functional Description
PRoC LP devices are integrated radio and microcontroller
functions in the same package to provide a dual-role
single-chip solution.
Communication between the microcontroller and the radio is
via the radio’s SPI interface.
Functional Overview
The CYRF69103 is a complete Radio System-on-Chip device,
providing a complete RF system solution with a single device
and a few discrete components. The CYRF69103 is designed
to implement low-cost wireless systems operating in the
worldwide 2.4 GHz Industrial, Scientific, and Medical (ISM)
frequency band (2.400 GHz–2.4835 GHz).
2.4 GHz Radio Function
The SoC contains a 2.4 GHz 1-Mbps GFSK radio transceiver,
packet data buffering, packet framer, DSSS baseband
controller, Received Signal Strength Indication (RSSI), and
SPI interface for data transfer and device configuration.
The radio supports 98 discrete 1 MHz channels (regulations
may limit the use of some of these channels in certain jurisdic-
tions). In DSSS modes the baseband performs DSSS
spreading/despreading, while in GFSK Mode (1 Mb/s - GFSK)
the baseband performs Start of Frame (SOF), End of Frame
(EOF) detection and CRC16 generation and checking. The
baseband may also be configured to automatically transmit
Acknowledge (ACK) handshake packets whenever a valid
packet is received.
When in receive mode, with packet framing enabled, the
device is always ready to receive data transmitted at any of the
supported bit rates, except SDR, enabling the implementation
of mixed-rate systems in which different devices use different
data rates. This also enables the implementation of dynamic
data rate systems, which use high data rates at shorter
distances and/or in a low-moderate interference environment,
and change to lower data rates at longer distances and/or in
high interference environments.
The radio meets the following world-wide regulatory require-
ments:
• Europe
— ETSI EN 301 489-1 V1.4.1
— ETSI EN 300 328-1 V1.3.1
• North America
— FCC CFR 47 Part 15
•Japan
— ARIB STD-T66
Data Transmission Modes
The radio supports four different data transmission modes:
• In GFSK mode, data is transmitted at 1 Mbps, without any
DSSS
• In 8DR mode, 1 byte is encoded in each PN code symbol
transmitted
• In DDR mode, 2 bits are encoded in each PN code symbol
transmitted
• In SDR mode, a single bit is encoded in each PN code
symbol transmitted
Both 64-chip and 32-chip data PN codes are supported. The
four data transmission modes apply to the data after the Start
of Packet (SOP). In particular, the packet length, data and
CRC are all sent in the same mode.
Microcontroller Function
The MCU function is an 8-bit Flash-programmable microcon-
troller. The instruction set has been optimized specifically for
HID and a variety of other embedded applications.
The MCU function has up to eight Kbytes of Flash for user’s
code and up to 256 bytes of RAM for stack space and user
variables.
In addition, the MCU function includes a Watchdog timer, a
vectored interrupt controller, a 16-bit Free-Running Timer, and
12-bit Programmable Interrupt Timer.
The microcontroller has 15 GPIO pins grouped into multiple
ports. With the exception of the four radio function GPIOs,
each GPIO port supports high-impedance inputs, configurable
pull up, open drain output, CMOS/TTL inputs and CMOS
output. Up to two pins support programmable drive strength of
up to 50 mA. Additionally, each I/O pin can be used to generate
a GPIO interrupt to the microcontroller. Each GPIO port has its
own GPIO interrupt vector with the exception of GPIO Port 0.
GPIO Port 0 has three dedicated pins that have independent
interrupt vectors (P0.2 - P0.4).
The microcontroller features an internal oscillator.
The PRoC LP includes a Watchdog timer, a vectored interrupt
controller, a 12-bit programmable interval timer with config-
urable 1-ms interrupt and a 16-bit free-running timer with
capture registers.
In addition, the CYRF69103 IC has a Power Management Unit
(PMU), which allows direct connection of the device to any
battery voltage in the range 1.8V to 3.6V. The PMU conditions
the battery voltage to provide the supply voltages required by
the device, and may supply external devices.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com