Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665D Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 66Page - NXP Semiconductors PCA9665D Datasheet HTML 67Page - NXP Semiconductors PCA9665D Datasheet HTML 68Page - NXP Semiconductors PCA9665D Datasheet HTML 69Page - NXP Semiconductors PCA9665D Datasheet HTML 70Page - NXP Semiconductors PCA9665D Datasheet HTML 71Page - NXP Semiconductors PCA9665D Datasheet HTML 72Page - NXP Semiconductors PCA9665D Datasheet HTML 73Page - NXP Semiconductors PCA9665D Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
70 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
12. Static characteristics
[1]
5.5 V steady state voltage tolerance on inputs and outputs is valid only when the supply voltage is present. 4.6 V steady state voltage
tolerance on inputs and outputs when no supply voltage is present.
Table 48.
Static characteristics
VDD = 2.3 V to 3.6 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.3
-
3.6
V
IDD
supply current
standby mode
-
0.1
3.0
mA
operating mode; no load
-
-
8.0
mA
VPOR
power-on reset voltage
-
1.8
2.2
V
Inputs WR, RD, A0, A1, CE, RESET
VIL
LOW-level input voltage
0
-
0.8
V
VIH
HIGH-level input voltage
[1] 2.0
-
5.5
V
IL
leakage current
input; VI = 0 V or 5.5 V
−1-
+1
µA
Ci
input capacitance
VI =VSS or VDD
-
2.0
3
pF
Inputs/outputs D0 to D7
VIL
LOW-level input voltage
0
-
0.8
V
VIH
HIGH-level input voltage
[1] 2.0
-
5.5
V
IOH
HIGH-level output current
VOH =VDD − 0.4 V
−4.0
−7.0
-
mA
IOL
LOW-level output current
VOL = 0.4 V
4.0
8.0
-
mA
IL
leakage current
input; VI = 0 V or 5.5 V
−1-
+1
µA
Cio
input/output capacitance
VI =VSS or VDD
-
2.8
4
pF
SDA and SCL
VIL
LOW-level input voltage
0
-
0.3VDD
V
VIH
HIGH-level input voltage
[1] 0.7VDD
-
5.5
V
IL
leakage current
input/output; VI = 0 V or 3.6 V
−1-
+1
µA
input/output; VI = 5.5 V
−1
-
+10
µA
IOL
LOW-level output current
VOL = 0.4 V
20
-
-
mA
Cio
input/output capacitance
VI =VSS or VDD
-
5.6
7
pF
Outputs INT
IOL
LOW-level output current
VOL = 0.4 V
6.0
-
-
mA
IL
leakage current
VO = 0 V or 3.6 V
−1-
+1
µA
Co
output capacitance
VI =VSS or VDD
-
3.8
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com