Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 67Page - NXP Semiconductors PCA9665D Datasheet HTML 68Page - NXP Semiconductors PCA9665D Datasheet HTML 69Page - NXP Semiconductors PCA9665D Datasheet HTML 70Page - NXP Semiconductors PCA9665D Datasheet HTML 71Page - NXP Semiconductors PCA9665D Datasheet HTML 72Page - NXP Semiconductors PCA9665D Datasheet HTML 73Page - NXP Semiconductors PCA9665D Datasheet HTML 74Page - NXP Semiconductors PCA9665D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
71 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
13. Dynamic characteristics
[1]
Parameters are valid over specified temperature and voltage range.
[2]
All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0 V and 3.0 V with a transition time of
5 ns maximum. All time measurements are referenced at input voltages of 1.5 V and output voltages shown in Figure 38 and Figure 40.
[3]
Test conditions for outputs: CL = 50 pF; RL = 500 Ω, except open-drain outputs.
Test conditions for open-drain outputs: CL = 50 pF; RL =1kΩ pull-up to VDD.
[4]
Initialization time for the serial interface after ENSIO bit goes HIGH in a write operation to the control register.
[5]
Resetting the device while actively communicating on the bus may cause glitches or an errant STOP condition.
[6]
Upon reset, the full delay will be the sum of trst and the RC time constant of the SDA and SCL bus.
Table 49.
Dynamic characteristics (3.3 volt)[1][2][3]
VCC = 3.3 V ± 0.3 V; Tamb = −40 °C to +85 °C; unless otherwise specified. (See Table 50 on page 72 for 2.5 V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Initialization timing
tinit(po)
power-on initialization time
-
-
550
µs
Serial interface initialization timing
tinit(sintf)
serial interface initialization time[4]
from ENSIO bit HIGH
-
-
550
µs
RESET timing (see Figure 36)
tw(rst)
reset pulse width
10
-
-
ns
trst
reset time
[5][6] 250
-
-
ns
trec(rst)
reset recovery time
0
-
-
ns
INT timing (see Figure 37)
tas(int)
interrupt assert time
-
-
500
ns
tdas(int)
interrupt de-assert time
-
-
20
ns
Bus timing (see Figure 38 and Figure 40)
tsu(A)
address setup time
to RD, WR LOW
0
-
-
ns
th(A)
address hold time
from RD, WR LOW
13
-
-
ns
tsu(CE_N)
CE setup time
to RD, WR LOW
0
-
-
ns
th(CE_N)
CE hold time
from RD, WR LOW
0
-
-
ns
tw(RDL)
RD LOW pulse width
20
-
-
ns
tw(WRL)
WR LOW pulse width
20
-
-
ns
td(DV)
data valid delay time
after RD and CE LOW
-
-
17
ns
td(QZ)
data output float delay time
after RD or CE HIGH
-
-
17
ns
tsu(Q)
data output setup time
before WR or CE HIGH (write cycle)
12
-
-
ns
th(Q)
data output hold time
after WR HIGH
0
-
-
ns
tw(RDH)
RD HIGH pulse width
18
-
-
ns
tw(WRH)
WR HIGH pulse width
18
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com