Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665D Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 21Page - NXP Semiconductors PCA9665D Datasheet HTML 22Page - NXP Semiconductors PCA9665D Datasheet HTML 23Page - NXP Semiconductors PCA9665D Datasheet HTML 24Page - NXP Semiconductors PCA9665D Datasheet HTML 25Page - NXP Semiconductors PCA9665D Datasheet HTML 26Page - NXP Semiconductors PCA9665D Datasheet HTML 27Page - NXP Semiconductors PCA9665D Datasheet HTML 28Page - NXP Semiconductors PCA9665D Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
25 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.3.3 Slave Receiver Byte mode
In the Slave Receiver Byte mode, a number of data bytes are received from a master
transmitter one byte at a time (see Figure 9). To initiate the Slave Receiver mode, I2CADR
and I2CCON must be loaded as shown in Table 29 and Table 30.
The upper 7 bits are the I2C-bus address to which PCA9665 will respond when addressed
by a master. GC is the control bit that allows the PCA9665 to respond or not to the
General Call address (00h).
When programmed to logic 1, the PCA9665 will acknowledge the General Call address.
When programmed to logic 0, the PCA9665 will not acknowledge the General Call
address.
ENSIO must be set to logic 1 to enable the I2C-bus interface. The AA bit must be set to
enable PCA9665 to acknowledge its own slave address, STA, STO, and SI must be reset.
When I2CADR and I2CCON have been initialized, the PCA9665 waits until it is addressed
by its own slave address followed by the data direction bit which must be ‘0’ (W) to operate
in the Slave Receiver mode. After its own slave address and the W bit have been
received, the Serial Interrupt flag (SI) is set, the Interrupt line (INT) goes LOW, and
I2CSTA is loaded with 60h. This status code is used to vector to an interrupt service
routine, and the appropriate action to be taken is detailed in Table 31.
The Slave Receiver Buffered mode may also be entered when:
• The arbitration is lost while the PCA9665 is in the master mode. See status 68h and
D8h.
• The General Call Address (00h) has been received (General Call address enabled
with GC = 1). See status D0h.
If the AA bit is reset during a transfer, the PCA9665 will return a not acknowledge (logic 1)
on SDA after the next received data byte. While AA is reset, the I2C-bus state machine
does not respond to its own slave address. However, the I2C-bus is still monitored and
address recognition may be resumed at any time by setting AA. This means that the AA
bit may be used to temporarily isolate PCA9665 from the I2C-bus.
Table 29.
I2CADR initialization
Bit
7
6
5
4
3
2
1
0
Symbol
AD7
AD6
AD5
AD4
AD3
AD2
AD1
GC
Value
own slave address
X
Table 30.
I2CCON initialization
Bit
7
6
5
4
3
2
1
0
Symbol
AA
ENSIO
STA
STO
SI
-
-
MODE
Value
11000
X
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com