Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665D Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 23Page - NXP Semiconductors PCA9665D Datasheet HTML 24Page - NXP Semiconductors PCA9665D Datasheet HTML 25Page - NXP Semiconductors PCA9665D Datasheet HTML 26Page - NXP Semiconductors PCA9665D Datasheet HTML 27Page - NXP Semiconductors PCA9665D Datasheet HTML 28Page - NXP Semiconductors PCA9665D Datasheet HTML 29Page - NXP Semiconductors PCA9665D Datasheet HTML 30Page - NXP Semiconductors PCA9665D Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
27 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
Table 31.
Slave Receiver Byte mode (MODE = 0)
Status
code
(I2CSTA)
Status of the
I2C-bus and the
PCA9665
Application software response
Next action taken by the
PCA9665
To/from I2CDAT
To I2CCON
STA STO SI
AA
MODE
60h
Own SLA+W has
been received; ACK
has been returned
No I2CDAT action
or
X
X
0
0
0
Data byte will be received and
NACK will be returned
no I2CDAT action
X
X
0
1
0
Data byte will be received and ACK
will be returned
68h
Arbitration lost in
SLA+R/W as
master; Own
SLA+W has been
received, ACK has
been returned
No I2CDAT action
or
X
X
0
0
0
Data byte will be received and
NACK will be returned
no I2CDAT action
X
X
0
1
0
Data byte will be received and ACK
will be returned
D0h
General Call
address (00h) has
been received; ACK
has been returned.
No I2CDAT action
or
X
X
0
0
0
Data byte will be received and
NACK will be returned.
no I2CDAT action
X
X
0
1
0
Data byte will be received and ACK
will be returned.
D8h
Arbitration lost in
SLA = R/W as
master; General Call
address has been
received; ACK bit
has been returned.
No I2CDAT action
or
X
X
0
0
0
Data byte will be received and
NACK will be returned.
no I2CDAT action
X
X
0
1
0
Data byte will be received and ACK
will be returned.
80h
Previously
addressed with own
slave address; DATA
has been received;
ACK has been
returned
Read data byte or
X
X
0
0
0
Data byte will be received and
NACK will be returned
read data byte
X
X
0
1
0
Data byte will be received and ACK
will be returned
88h
Previously
addressed with own
slave address; DATA
byte has been
received; NACK has
been returned
Read data byte or
0
X
0
0
0
Switched to not addressed slave
mode; no recognition of own SLA or
General Call address
read data byte or
0
X
0
1
0
Switched to not addressed slave
mode; Own slave address will be
recognized; General Call address
will be recognized if GC = 1.
read data byte or
1
X
0
0
0
Switched to not addressed slave
mode; no recognition of own slave
address or General Call address. A
START condition will be transmitted
when the bus becomes free
read data byte
1
X
0
1
0
Switched to not addressed slave
mode; Own slave address will be
recognized; General Call will be
recognized if GC = 1. A START
condition will be transmitted when
the bus becomes free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com