Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665D Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 13Page - NXP Semiconductors PCA9665D Datasheet HTML 14Page - NXP Semiconductors PCA9665D Datasheet HTML 15Page - NXP Semiconductors PCA9665D Datasheet HTML 16Page - NXP Semiconductors PCA9665D Datasheet HTML 17Page - NXP Semiconductors PCA9665D Datasheet HTML 18Page - NXP Semiconductors PCA9665D Datasheet HTML 19Page - NXP Semiconductors PCA9665D Datasheet HTML 20Page - NXP Semiconductors PCA9665D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
17 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
P — STOP condition
In Figure 7, Figure 8, Figure 9, Figure 10, Figure 11, Figure 12, Figure 13 and Figure 14,
circles are used to indicate when the serial interrupt flag is set. A serial interrupt is not
generated when I2CSTA = F8h. This happens on a STOP condition or when an external
reset is generated (at power-up, when RESET pin is going LOW or during a software reset
on the parallel bus). The numbers in the circles show the status code held in the I2CSTA
register. At these points, a service routine must be executed to continue or complete the
serial transfer. These service routines are not critical since the serial transfer is
suspended until the serial interrupt flag is cleared by software.
When a serial interrupt routine is entered, the status code in I2CSTA is used to branch to
the appropriate service routine. For each status code, the required software action and
details of the following serial transfer are given in Table 27, Table 28, Table 31, Table 32,
Table 35, Table 36, Table 40, and Table 41.
8.3 Byte mode
8.3.1 Master Transmitter Byte mode
In the Master Transmitter Byte mode, a number of data bytes are transmitted to a slave
receiver (see Figure 7). Before the Master Transmitter Byte mode can be entered,
I2CCON must be initialized as shown in Table 26.
ENSIO must be set to logic 1 to enable the PCA9665. If the AA bit is reset, the PCA9665
will not acknowledge its own slave address in the event of another device becoming
master of the bus. (In other words, if AA is reset, PCA9665 cannot enter a slave mode.)
STA, STO, and SI must be reset. Once ENSIO has been set to 1, it takes about 550
µsfor
the oscillator to start up.
The Master Transmitter Byte mode may now be entered by setting the STA bit. The
I2C-bus state machine will first test the I2C-bus and generate a START condition as soon
as the bus becomes free. When a START condition is transmitted, the serial interrupt flag
(SI) is set, the Interrupt line (INT) goes LOW and the status code in the status register
(I2CSTA) will be 08h. This status code must be used to vector to an interrupt service
routine that loads I2CDAT with the slave address and the data direction bit (SLA+W). A
write to I2CCON resets the SI bit, clears the Interrupt (INT goes HIGH) and allows the
serial transfer to continue.
When the slave address with the direction bit have been transmitted, the Serial Interrupt
flag (SI) is set again, the Interrupt line (INT) goes LOW again and I2CSTA is loaded with
the following possible codes:
• 18h if an acknowledgment bit (ACK) has been received
• 20h if an no acknowledgment bit (NACK) has been received
• 38h if the PCA9665 lost the arbitration
Table 26.
I2CCON initialization (Byte mode)
Bit
7
6
5
4
3
2
1
0
Symbol
AA
ENSIO
STA
STO
SI
reserved reserved
MODE
Value
X
1000
X
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com