Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BJ Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 65Page - STMicroelectronics ST72324BJ Datasheet HTML 66Page - STMicroelectronics ST72324BJ Datasheet HTML 67Page - STMicroelectronics ST72324BJ Datasheet HTML 68Page - STMicroelectronics ST72324BJ Datasheet HTML 69Page - STMicroelectronics ST72324BJ Datasheet HTML 70Page - STMicroelectronics ST72324BJ Datasheet HTML 71Page - STMicroelectronics ST72324BJ Datasheet HTML 72Page - STMicroelectronics ST72324BJ Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 188 page
background image
ST72324B
On-chip peripherals
69/188
10.3
16-bit timer
10.3.1
Introduction
The timer consists of a 16-bit free-running counter driven by a programmable prescaler.
It may be used for a variety of purposes, including pulse length measurement of up to two
input signals (input capture) or generation of up to two output waveforms (output compare
and PWM).
Pulse lengths and waveform periods can be modulated from a few microseconds to several
milliseconds using the timer prescaler and the CPU clock prescaler.
Some ST7 devices have two on-chip 16-bit timers. They are completely independent, and
do not share any resources. They are synchronized after a MCU reset as long as the timer
clock frequencies are not modified.
This description covers one or two 16-bit timers. In ST7 devices with two timers, register
names are prefixed with TA (Timer A) or TB (Timer B).
10.3.2
Main features
●
Programmable prescaler: fCPU divided by 2, 4 or 8
●
Overflow status flag and maskable interrupt
●
External clock input (must be at least four times slower than the CPU clock speed) with
the choice of active edge
●
1 or 2 output compare functions each with:
–
2 dedicated 16-bit registers
–
2 dedicated programmable signals
–
2 dedicated status flags
–
1 dedicated maskable interrupt
●
1 or 2 input capture functions each with:
–
2 dedicated 16-bit registers
–
2 dedicated active edge selection signals
–
2 dedicated status flags
–
1 dedicated maskable interrupt
●
Pulse width modulation mode (PWM)
●
One pulse mode
●
Reduced power mode
●
5 alternate functions on I/O ports (ICAP1, ICAP2, OCMP1, OCMP2, EXTCLK)(c)
The timer block diagram is shown in Figure 36.
c.
Some timer pins may not be available (not bonded) in some ST7 devices. Refer to Section 2: Pin description.
When reading an input signal on a non-bonded pin, the value will always be ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com