Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BJ Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 37Page - STMicroelectronics ST72324BJ Datasheet HTML 38Page - STMicroelectronics ST72324BJ Datasheet HTML 39Page - STMicroelectronics ST72324BJ Datasheet HTML 40Page - STMicroelectronics ST72324BJ Datasheet HTML 41Page - STMicroelectronics ST72324BJ Datasheet HTML 42Page - STMicroelectronics ST72324BJ Datasheet HTML 43Page - STMicroelectronics ST72324BJ Datasheet HTML 44Page - STMicroelectronics ST72324BJ Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 188 page
background image
ST72324B
Interrupts
41/188
7.5.2
Interrupt software priority registers (ISPRx)
These four registers contain the interrupt software priority of each interrupt vector.
●
Each interrupt vector (except reset and TRAP) has corresponding bits in these
registers where its own software priority is stored. This correspondence is shown in the
following Table 16.
●
Each I1_x and I0_x bit value in the ISPRx registers has the same meaning as the I1
and I0 bits in the CC register.
●
Level 0 cannot be written (I1_x = 1, I0_x = 0). In this case, the previously stored value
is kept (for example, previous value = CFh, write = 64h, result = 44h).
The reset, and TRAP vectors have no software priorities. When one is serviced, the I1 and
I0 bits of the CC register are both set.
Caution:
If the I1_x and I0_x bits are modified while the interrupt x is executed the following behavior
has to be considered: If the interrupt x is still pending (new interrupt or flag not cleared) and
the new software priority is higher than the previous one, the interrupt x is re-entered.
Otherwise, the software priority stays unchanged up to the next interrupt request (after the
IRET of the interrupt x).
ISPRx
Reset value: 1111 1111 (FFh)
7654321
0
ISPR0
I1_3
I0_3
I1_2
I0_2
I1_1
I0_1
I1_0
I0_0
ISPR1
I1_7
I0_7
I1_6
I0_6
I1_5
I0_5
I1_4
I0_4
ISPR2
I1_11
I0_11
I1_10
I0_10
I1_9
I0_9
I1_8
I0_8
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
ISPR3
1111
I1_13
I0_13
I1_12
I0_12
RO
RO
RO
RO
R/W
R/W
R/W
R/W
Table 16.
ISPRx interrupt vector correspondence
Vector address
ISPRx bits
FFFBh-FFFAh
I1_0 and I0_0 bits
FFF9h-FFF8h
I1_1 and I0_1 bits
...
...
FFE1h-FFE0h
I1_13 and I0_13 bits
Table 17.
Dedicated interrupt instruction set(1)
Instruction
New description
Function/example
I1
H
I0
N
Z
C
HALT
Entering HALT mode
1
0
IRET
Interrupt routine return
POP CC, A, X, PC
I1
H
I0
N
Z
C
JRM
Jump if I1:0=11 (level 3)
I1:0=11 ?
JRNM
Jump if I1:0<>11
I1:0<>11 ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com