Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BJ Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 89Page - STMicroelectronics ST72324BJ Datasheet HTML 90Page - STMicroelectronics ST72324BJ Datasheet HTML 91Page - STMicroelectronics ST72324BJ Datasheet HTML 92Page - STMicroelectronics ST72324BJ Datasheet HTML 93Page - STMicroelectronics ST72324BJ Datasheet HTML 94Page - STMicroelectronics ST72324BJ Datasheet HTML 95Page - STMicroelectronics ST72324BJ Datasheet HTML 96Page - STMicroelectronics ST72324BJ Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 188 page
background image
ST72324B
On-chip peripherals
93/188
The communication is always initiated by the master. When the master device transmits
data to a slave device via MOSI pin, the slave device responds by sending data to the
master device via the MISO pin. This implies full duplex communication with both data out
and data in synchronized with the same clock signal (which is provided by the master device
via the SCK pin).
To use a single data line, the MISO and MOSI pins must be connected at each node (in this
case only simplex communication is possible).
Four possible data/clock timing relationships may be chosen (see Figure 54) but master and
slave must be programmed with the same timing mode.
Figure 51.
Single master/single slave application
Slave Select management
As an alternative to using the SS pin to control the Slave Select signal, the application can
choose to manage the Slave Select signal by software. This is configured by the SSM bit in
the SPICSR register (see Figure 53).
In software management, the external SS pin is free for other application uses and the
internal SS signal level is driven by writing to the SSI bit in the SPICSR register.
In Master mode:
–SS internal must be held high continuously
Depending on the data/clock timing relationship, there are two cases in Slave mode (see
Figure 52):
If CPHA = 1 (data latched on second clock edge):
–SS internal must be held low during the entire transmission. This implies that in
single slave applications the SS pin either can be tied to VSS, or made free for
standard I/O by managing the SS function by software (SSM = 1 and SSI = 0 in
the in the SPICSR register)
If CPHA = 0 (data latched on first clock edge):
–SS internal must be held low during byte transmission and pulled high between
each byte to allow the slave to write to the shift register. If SS is not pulled high, a
Write Collision error will occur when the slave writes to the shift register (see Write
collision error (WCOL) on page 97).
8-bit Shift Register
SPI
clock
generator
8-bit Shift Register
MISO
MOSI
MOSI
MISO
SCK
SCK
Slave
Master
SS
SS
+5V
MSB
LSB
MSB
LSB
Not used if SS is managed
by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com