Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BJ Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 32Page - STMicroelectronics ST72324BJ Datasheet HTML 33Page - STMicroelectronics ST72324BJ Datasheet HTML 34Page - STMicroelectronics ST72324BJ Datasheet HTML 35Page - STMicroelectronics ST72324BJ Datasheet HTML 36Page - STMicroelectronics ST72324BJ Datasheet HTML 37Page - STMicroelectronics ST72324BJ Datasheet HTML 38Page - STMicroelectronics ST72324BJ Datasheet HTML 39Page - STMicroelectronics ST72324BJ Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 188 page
background image
Interrupts
ST72324B
36/188
7
Interrupts
7.1
Introduction
The ST7 enhanced interrupt management provides the following features:
●
Hardware interrupts
●
Software interrupt (TRAP)
●
Nested or concurrent interrupt management with flexible interrupt priority and level
management:
–
up to 4 software programmable nesting levels
–
up to 16 interrupt vectors fixed by hardware
–
2 non-maskable events: reset, TRAP
This interrupt management is based on:
●
Bit 5 and bit 3 of the CPU CC register (I1:0)
●
Interrupt software priority registers (ISPRx)
●
Fixed interrupt vector addresses located at the high addresses of the memory map
(FFE0h to FFFFh) sorted by hardware priority order
This enhanced interrupt controller guarantees full upward compatibility with the standard
(not nested) ST7 interrupt controller.
7.2
Masking and processing flow
The interrupt masking is managed by the I1 and I0 bits of the CC register and the ISPRx
registers which give the interrupt software priority level of each interrupt vector (see
Table 13). The processing flow is shown in Figure 18.
When an interrupt request has to be serviced:
●
Normal processing is suspended at the end of the current instruction execution.
●
The PC, X, A and CC registers are saved onto the stack.
●
I1 and I0 bits of CC register are set according to the corresponding values in the ISPRx
registers of the serviced interrupt vector.
●
The PC is then loaded with the interrupt vector of the interrupt to service and the first
instruction of the interrupt service routine is fetched (refer to Table 24: Interrupt
mapping for vector addresses).
The interrupt service routine should end with the IRET instruction which causes the
contents of the saved registers to be recovered from the stack.
Note:
As a consequence of the IRET instruction, the I1 and I0 bits will be restored from the stack
and the program in the previous level will resume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com