Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BJ Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 14Page - STMicroelectronics ST72324BJ Datasheet HTML 15Page - STMicroelectronics ST72324BJ Datasheet HTML 16Page - STMicroelectronics ST72324BJ Datasheet HTML 17Page - STMicroelectronics ST72324BJ Datasheet HTML 18Page - STMicroelectronics ST72324BJ Datasheet HTML 19Page - STMicroelectronics ST72324BJ Datasheet HTML 20Page - STMicroelectronics ST72324BJ Datasheet HTML 21Page - STMicroelectronics ST72324BJ Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 188 page
background image
Flash program memory
ST72324B
18/188
4
Flash program memory
4.1
Introduction
The ST7 dual voltage High Density Flash (HDFlash) is a non-volatile memory that can be
electrically erased as a single block or by individual sectors and programmed on a byte-by-
byte basis using an external VPP supply.
The HDFlash devices can be programmed and erased off-board (plugged in a programming
tool) or on-board using ICP (in-circuit programming) or IAP (in-application programming).
The array matrix organization allows each sector to be erased and reprogrammed without
affecting other sectors.
4.2
Main features
●
3 Flash programming modes:
–
Insertion in a programming tool. In this mode, all sectors including option bytes
can be programmed or erased.
–
ICP (in-circuit programming). In this mode, all sectors including option bytes can
be programmed or erased without removing the device from the application board.
–
IAP (in-application programming). In this mode, all sectors, except Sector 0, can
be programmed or erased without removing the device from the application board
and while the application is running.
●
ICT (in-circuit testing) for downloading and executing user application test patterns in
RAM
●
Readout protection
●
Register Access Security System (RASS) to prevent accidental programming or
erasing
4.3
Structure
The Flash memory is organized in sectors and can be used for both code and data storage.
Depending on the overall Flash memory size in the microcontroller device, there are up to
three user sectors (seeTable 3). Each of these sectors can be erased independently to avoid
unnecessary erasing of the whole Flash memory when only a partial erasing is required.
The first two sectors have a fixed size of 4 Kbytes (see Figure 7). They are mapped in the
upper part of the ST7 addressing space so the reset and interrupt vectors are located in
Sector 0 (F000h-FFFFh).
Table 3.
Sectors available in Flash devices
Flash size (bytes)
Available sectors
4K
Sector 0
8K
Sectors 0, 1
>8K
Sectors 0, 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com