Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BJ Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 44Page - STMicroelectronics ST72324BJ Datasheet HTML 45Page - STMicroelectronics ST72324BJ Datasheet HTML 46Page - STMicroelectronics ST72324BJ Datasheet HTML 47Page - STMicroelectronics ST72324BJ Datasheet HTML 48Page - STMicroelectronics ST72324BJ Datasheet HTML 49Page - STMicroelectronics ST72324BJ Datasheet HTML 50Page - STMicroelectronics ST72324BJ Datasheet HTML 51Page - STMicroelectronics ST72324BJ Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 188 page
background image
Power saving modes
ST72324B
48/188
Figure 24.
Slow mode clock transitions
8.3
Wait mode
Wait mode places the MCU in a low power consumption mode by stopping the CPU.
This power saving mode is selected by calling the ‘WFI’ instruction.
All peripherals remain active. During Wait mode, the I[1:0] bits of the CC register are forced
to ‘10’, to enable all interrupts. All other registers and memory remain unchanged. The MCU
remains in Wait mode until an interrupt or reset occurs, whereupon the Program Counter
branches to the starting address of the interrupt or reset service routine. The MCU will
remain in Wait mode until a reset or an interrupt occurs, causing it to wake up. Refer to
Figure 25.
Figure 25.
Wait mode flowchart
1.
Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are
set to the current software priority level of the interrupt routine and recovered when the CC register is
popped.
00
01
SMS
CP1:0
fCPU
New Slow
Normal Run mode
frequency
request
request
fOSC2
fOSC2/2
fOSC2/4
fOSC2
WFI instruction
Reset
Interrupt
Y
N
N
Y
CPU
Oscillator
Peripherals
I[1:0] bits
on
on
10
off
Fetch reset vector
or service interrupt
CPU
Oscillator
Peripherals
I[1:0] bits
on
off
10
on
CPU
Oscillator
Peripherals
I[1:0] bits
on
on
XX(1)
on
256 or 4096 CPU clock
cycle delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com