Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 16 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 16 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 20Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
16
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
Figure 2. Package 27mm, 388-Ball EPBGA
Bottom View
A
1.0 Basic
0.60 ± 0.1 SOLDERBALL x 388
27.0
27.0
B
C
D
E
F
G
H
J
K
L
M
AA
N
P
R
T
U
V
W
Y
AB
01 03 05 07 09 11 13 15 17 19
02 04 06 08 10 12 14 16 18
21
20 22
25.0
0.3 min
PCB
Substrate
Epoxy Mold
Compound
2.65 max
®
PPC405EX
Part Number
1YWWBZZZZZ
Lot Number
23
24
25
26
AC
AD
AE
AF
Top View
Notes: 1. All dimensions are in mm.
Gold Gate Release
Corresponds to
A01 Ball Location
2. Package conforms to JEDEC MS-034C
Logo View
3. Package available in leaded or lead-free versions
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com