Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 47 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
47
Preliminary Data Sheet
Table 9. Recommended DC Operating Conditions (Sheet 1 of 2)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage
VDD
+1.1
+1.2
+1.3
V
I/O Supply Voltage
OVDD
+3.15
+3.3
+3.45
V
SDRAM DDR1(2) Supply Voltage
SVDD
+2.4 (+1.7)
+2.5 (+1.8)
+2.6 (+1.9)
V
CMOS Supply Voltage
EOVDD
+2.4
+2.5
+2.6
V
PLL Analog Supply Voltage
AHVDD
SAVDD
EAVDD
+2.4
+2.5
+2.6
V
Analog Supply Voltage
AVDD
+1.1
+1.2
+1.2
V
I/O Input Low (3.3V LVTTL)
VIL
0+0.8
V
I/O Input High (3.3V LVTTL)
VIH
+2.0
+3.6
V
I/O Output Low (3.3V LVTTL)
VOL
0+0.4
V
I/O Output High (3.3V LVTTL)
VOH
+2.4
+3.6
V
I/O Input Low (3.3V tol, 2.5V CMOS)
VIL
0+0.7
V
I/O Input High (3.3V tol, 2.5V CMOS)
VIH
+1.7
+3.6
V
I/O Output Low (3.3V tol, 2.5V CMOS)
VOL
0+0.4
V
I/O Output High (3.3V tol, 2.5V CMOS)
VOH
+2.0
+2.7
V
I/O Input Low DDR1 (DDR2) (SSTL2)
VIL
− 0.3
SVREF − 0.18
(0.125)
V
I/O Input High DDR1 (DDR2) (SSTL2)
VIH
SVREF + 0.18
(0.125)
SVDD + 0.3
V
I/O Output Low DDR1 (DDR2) (SSTL2)
VOL
See JESD8-9 (JESD8-15A) standard.
V
I/O Output High DDR1 (DDR2) (SSTL2)
VOH
See JESD8-9 (JESD8-15A) standard.
V
I/O Input Common-Mode
VICM
0
VDD
V
I/O Input Low (LVDS)
VIL
− 0.3
VICM − 0.05
V
I/O Input High (LVDS)
VIH
VICM + 0.05
+1.9
V
I/O Output Low (LVDS)
VOL
+0.832
+1.01
+1.197
V
I/O Output High (LVDS)
VOH
+1.243
+1.377
+1.509
V
Input Leakage Current
(no pull-up or pull-down)
IIL1
01
μA
Input Leakage Current
(with internal pull-down)
IIL2
0 (LPDL)
200 (MPUL)
μA
1
Input Leakage Current
(with internal pull-up)
IIL3
−150 (LPDL)
0 (MPUL)
μA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com