Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 57 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 57 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 61Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
57
Preliminary Data Sheet
Table 18. I/O Specifications—333 MHz to 667 MHz CPU
Notes:
1. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 0.8ns.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
IOH
(minimum)
IOL
(minimum)
External Peripheral Interface
PerClk
11.08
7.37
PLB Clk
1
PerAddr05:31
2.3
1
5.3
1
11.08
7.37
PerClk
PerCS0:3
2.3
1
5.3
1
11.08
7.37
PerClk
PerData00:31
2.3
1
5.3
1
11.08
7.37
PerClk
PerDataPar0:3
2.3
1
5.3
1
11.08
7.37
PerClk
PerOE
2.3
1
5.3
1
11.08
7.37
PerClk
PerReady
2.3
1
5.3
1
na
na
PerClk
PerRW
2.3
1
5.3
1
11.08
7.37
PerClk
PerWBE0:3
2.3
1
5.3
1
11.08
7.37
PerClk
PerBLast
2.3
1
5.3
1
11.08
7.37
PerClk
PerErr
2.3
1
5.3
1
11.08
7.37
PerClk
ExtReset
2.3
1
5.3
1
11.08
7.37
PerClk
BusReq
2.3
1
5.3
1
11.08
7.37
PerClk
HoldReq
2.3
1
5.3
1
11.08
7.37
PerClk
HoldAck
2.3
1
5.3
1
11.08
7.37
PerClk
ExtAck
2.3
1
5.3
1
11.08
7.37
ExtReq
2.3
1
5.3
1
11.08
7.37
NFALE
2.3
1
5.3
1
11.08
7.37
NFCE0:3
2.3
1
5.3
1
11.08
7.37
NFCLE
2.3
1
5.3
1
11.08
7.37
NFData0:15
2.3
1
5.3
1
11.08
7.37
NFRdyBusy
2.3
1
5.3
1
11.08
7.37
NFREn
2.3
1
5.3
1
11.08
7.37
NFWEn
2.3
1
5.3
1
11.08
7.37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com