Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 38 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 38 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 42Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
38
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
Signal Functional Descriptions
The following table provides a description of the I/O signals on the PPC405EX.
Table 6. Signal Functional Description (Sheet 1 of 7)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes
Ethernet Interface
GMCCD,
GMC1RxClk
GMII: Collision detect.
RGMII 1: Receive clock.
I
3.3V tolerant
2.5V CMOS
1, 5
GMCCrS,
GMC1TxClk
GMII: Carrier sense.
RGMII 1: Transmit clock.
I/O
3.3V tolerant
2.5V CMOS
1
GMCGTxClk,
GMC0TxClk
GMII: Transmit clock for GMII 1000Mbps.
RGMII 0: Transmit clock.
O
3.3V tolerant
2.5V CMOS
GMCMDClk
Management data clock.
O
3.3V tolerant
2.5V CMOS
GMCMDIO
Management data I/O.
I/O
3.3V tolerant
2.5V CMOS
GMCRefClk
GMII, RGMII: Reference clock for 1000Mbps.
I
3.3V tolerant
2.5V CMOS
receiver
1, 5
GMCRxClk,
GMC0RxClk
GMII: Receive clock.
RGMII 0: Receive clock.
I
3.3V tolerant
2.5V CMOS
1, 5
GMCRxD0:3,
GMC0RxD0:3
GMII: Receive data.
RGMII 0: Receive data.
I
3.3V tolerant
2.5V CMOS
1
GMCRxD4:7,
GMC1RxD0:3
GMII: Receive data.
RGMII 1: Receive data.
I
3.3V tolerant
2.5V CMOS
1
GMCRxDV,
GMC0RxCtl
GMII: Receive data valid.
RGMII 0: Receive control.
I
3.3V tolerant
2.5V CMOS
1
GMCRxEr,
GMC1RxCtl
GMII: Receive error.
RGMII 1: Receive control.
I
3.3V tolerant
2.5V CMOS
1
GMCTxClk
GMII: Transmit clock for 10/100Mbps.
I
3.3V tolerant
2.5V CMOS
1, 5
GMCTxD0:3,
GMC0TxD0:3
GMII: Transmit data.
RGMII 0: Transmit data.
O
3.3V tolerant
2.5V CMOS
GMCTxD4:7,
GMC1TxD0:3
GMII: Transmit data.
RGMII 1: Transmit data.
O
3.3V tolerant
2.5V CMOS
GMCTxEn,
GMC0TxCtl
GMII: Transmit enable.
RGMII 0: Transmit control.
O
3.3V tolerant
2.5V CMOS
GMCTxEr,
GMC1TxCtl
GMII: Transmit error.
RGMII 1: Transmit control.
O
3.3V tolerant
2.5V CMOS
IIC Interface
IIC0SClk
IIC Serial Clock.
I/O
3.3V LVTTL
1, 2
IIC0SData
IIC Serial Data.
I/O
3.3V LVTTL
2
IIC1SClk
IIC Serial Clock.
I/O
3.3V LVTTL
1
IIC1SData
IIC Serial Data.
I/O
3.3V LVTTL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com