Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
39
Preliminary Data Sheet
PCI Express Interface (n = 0 and 1)
PCIEnATB
Analog Test Bus for manufacturing test.
O
CML
PCIEnClkC
PCIEnClkT
Differential input for external reference clock.
I
CML
PCIEnRExt
PCIEnRExtG
External reference resistor. Attach a 1.37 k
Ω, 1% resistor between
RExt and RExtG to provide the reference for both the bias currents
and the impedance calibration circuitry.
I/O
CML
PCIEnRx
PCIEnRx
Differential receiver for received serial data.
I
LVDS receiver
PCIEnTx
PCIEnTx
Differential driver for transmitted serial data.
O
LVDS driver
Interrupts Interface
IRQ0:2
External interrupt requests.
I/O
3.3V LVTTL
5
IRQ3:5
External interrupt requests.
I/O
3.3V LVTTL
1, 5
IRQ6
External interrupt requests.
I/O
3.3V LVTTL
5
IRQ7:9
External interrupt requests.
I/O
3.3V LVTTL
1, 5
JTAG Interface
TCK
Test clock.
I
3.3V LVTTL
1
TDI
Test data in.
I
3.3V LVTTL
w/pull-up
1, 4
TDO
Test data out.
O
3.3V LVTTL
TMS
Test mode select.
I
3.3V LVTTL
w/pull-up
1
TRST
Test reset. Must be low at power-on to initialize the JTAG controller
and for normal operation of the PPC405EX.
I
3.3V LVTTL
w/pull-up
1, 5
Table 6. Signal Functional Description (Sheet 2 of 7)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com