Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 43 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 43 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 47Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
43
Preliminary Data Sheet
SVREF1A:B
SVREF2A:B
DDR 1 (DDR2) Reference voltage 1 and 2 inputs:
Min. +1.15 (+0.825)V
Nom. +1.25 (+0.9)V
Max. +1.35 (0.975)V
I
1.25V (0.9V)
Volt ref receiver
Serial Communication Port (SCP) Interface
SCPClkOut
Output clock.
I/O
3.3V LVTTL
SCPDI
Data input.
I
3.3V LVTTL
SCPDO
Data output.
O
3.3V LVTTL
UART Peripheral Interface
The UART interface can be configured as follows:
1. One 8-pin
2. Two 4-pin
3. Two 2-pin (pull up DCD, DSR, CTS and RTS)
4. One 4-pin and one 2-pin
UARTSerClk
Serial clock input.
I
3.3V LVTTL
receiver
w/pull-up
UARTnCTS
Clear to send.
I/O
3.3V LVTTL
1, 6
UARTnDCD
Data carrier detect.
I/O
3.3V LVTTL
1, 6
UARTnDSR
Data set ready.
I/O
3.3V LVTTL
1, 6
UARTnDTR
Data terminal ready.
I/O
3.3V LVTTL
1
UARTnRI
Ring indicator.
I/O
3.3V LVTTL
1
UARTnRTS
Request to send.
I/O
3.3V LVTTL
1
UARTnRx
Receive data.
I
3.3V LVTTL
receiver
w/pull-down
UARTnTx
Transmit data.
O
3.3V LVTTL
USB 2.0 Interface
USB2Clk
USB clock.
I
3.3V LVTTL
receiver
5
USB2Data0:7
Parallel data bus.
I/O
3.3V LVTTL
USB2Dir
Data bus direction control.
I/O
3.3V LVTTL
USB2Next
Next data byte control. When data is being transferred to the PHY,
the next byte should be sent. When data is being received from the
PHY, the next byte is available.
I/O
3.3V LVTTL
USB2Stop
Stop output control.
I/O
3.3V LVTTL
Table 6. Signal Functional Description (Sheet 6 of 7)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com