Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 28 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 28 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 32Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
28
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
PSROUser
A09
System
40
RAS
AD19
DDR 1/2 SDRAM
42
Reserved
AD12
Other
44
SAGND
A11
Power
44
SAVDD
A12
[SCPClkOut]IIC1SClk
AA02
Serial Communication Port
43
SCPDI
AA03
[SCPDO]IIC1SData
AA04
SVDD
N23
Power
44
SVDD
R16
SVDD
T15
SVDD
W23
SVDD
Y23
SVDD
AB23
SVDD
AC19
SVDD
AC20
SVDD
AC22
SVDD
AD14
SVREF1A
AC14
DDR1/2 SDRAM
42
SVREF1B
T23
SVREF2A
AC16
SVREF2B
L23
SysClk
C10
System
40
SysErr
AD06
SysReset
AD08
TCK
V02
JTAG
39
TDI
W02
TDO
W03
TestEn
Y02
System
40
TmrClk
D06
TMS
V01
JTAG
39
TrcClk
L24
Trace
40
TRST
Y01
JTAG
39
[TS0]PerAddr08[DMAReq3]
J25
Trace
40
[TS1]PerAddr07[DMAAck0]
J26
[TS2]PerAddr06[DMAReq0]
K25
[TS3][PerAddr05]GPIO26[DMAEOT0]
K26
[TS0E]PerAddr10
J24
Trace
40
[TS0O]PerAddr12
H24
[TS1E]PerAddr09
H25
[TS1O]PerAddr11
G26
Table 3. Signals Listed Alphabetically (Sheet 12 of 13)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com