Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7840CV Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 9Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 10Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 11Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 12Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 13Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 14Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 11
Interrupt Enable Register (IER):
Serial channel interrupts are enabled using the Interrupt Enable Register (IER).
Register:
IER
Description:
Interrupt Enable Register
Offset:
1
Permissions:
Read/Write
Access Condition:
LCR[7] = 0
Default Value:
0x0C
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Reserved
Sleep
Mode
Modem
Int Mask
Rx Stat
Int Mask
Tx Rdy
Int Mask
Rx Rdy
Int Mask
Bit
Description
Operation
0
Rx Rdy
Interrupt Mask
Logic 0: Disable the Receiver Ready Interrupt
Logic 1: Enable the Receiver Ready Interrupt
1
Tx Rdy
Interrupt Mask
Logic 0: Disable the Transmitter Ready Interrupt
Logic 1: Enable the Transmitter Ready Interrupt
2
Rx Stat
Interrupt Mask
Logic 0: Disable the Receiver Status Interrupt
(Normal Mode)
Logic 1: Enable the Receiver Status Interrupt
(Normal Mode)
3
Modem
Interrupt Mask
Logic 0: Disable the Modem Status Interrupt
Logic 1: Enable the Modem Status Interrupt
4
Sleep Mode
Logic 0: Disable Sleep Mode
Logic 1: Enable Sleep Mode where by the internal clock
of the channel is switched OFF
[7:5]
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com