Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7840CV Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 32Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 33Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 34Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 35Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 36Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 37Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 38Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 39Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 36
Rev.
1.2
Serial Port (2, 3, & 4) – Device Configuration Register 2
The Configuration Registers for these three Serial Ports are all identical.
They are very similar to Serial Port 1, but have a few less configuration options.
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Reserved
Reserved
RWU_
Mode
EWU_
Rx
EWU_
DSR
EWU_
RI
EWU_
DCD
EWU_
CTS
DCR2
Bit
Name
Definition
Default
Value
0
EWU_
CTS
Enable Wake Up Trigger on CTS:
0:
Disabled
1:
Enable Wake Up Trigger on CTS State Changes.
0
1
EWU_
DCD
Enable Wake Up Trigger on DCD:
0:
Disabled
1:
Enable Wake Up Trigger on DCD State Changes.
0
2
EWU_
RI
Enable Wake Up Trigger on RI:
0:
Disabled
1:
Enable Wake Up Trigger on RI State Changes.
1
3
EWU_
DSR
Enable Wake Up Trigger on DSR:
0:
Disabled
1:
Enable Wake Up Trigger on DSR State Changes.
0
4
EWU_
Rx
Enable Wake Up Trigger on RXD:
0:
Disabled
1:
Enable Wake Up Trigger on RXD State Changes.
0
5
RWU_
Mode
Remote Wakeup Mode:
0:
Engages Remote Wakeup,
The device issues Disconnect Signal.
1:
engages remote wakeup,
the Device issues resume signal.
1
6
Reserved
Reserved
0
7
Reserved
Reserved
0
Note: Wake up defined above can work only when DCR0[6] = 0 and DCR1[4] = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com