Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7840CV Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 21Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 22Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 23Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 24Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 25Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 26Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 27Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 28Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 25
Endpoint-1
Serial Port 1
Bulk-In
Endpoint-2
Serial Port 1
Bulk-Out
Endpoint-3
Serial Port 2
Bulk-In
Endpoint-4
Serial Port 2
Bulk-Out
Configuration Descriptor
Index
Data
bLength
0
8’h07
bDescriptorType
1
8’h05
bEndpointAddress
2
8’h81
bmAttributes
3
8’h02
wMaxPacketSize(L)
4
8’h40/8’h00 *
wMaxPacketSize(M)
5
8’h00/8’h02 *
bInterval
6
8’hFF
Configuration Descriptor
Index
Data
bLength
0
8’h07
bDescriptorType
1
8’h05
bEndpointAddress
2
8’h02
bmAttributes
3
8’h02
WmaxPacketSize(L)
4
8’h40/8’h00 *
WmaxPacketSize(M)
5
8’h00/8’h02 *
bInterval
6
8’hFF
Configuration Descriptor
Index
Data
bLength
0
8’h07
bDescriptorType
1
8’h05
bEndpointAddress
2
8’h83
bmAttributes
3
8’h02
wMaxPacketSize(L)
4
8’h40/8’h00 *
wMaxPacketSize(M)
5
8’h00/8’h02 *
bInterval
6
8’hFF
Configuration Descriptor
Index
Data
bLength
0
8’h07
bDescriptorType
1
8’h05
bEndpointAddress
2
8’h04
bmAttributes
3
8’h02
wMaxPacketSize(L)
4
8’h40/8’h00 *
wMaxPacketSize(M)
5
8’h00/8’h02 *
bInterval
6
8’hFF
* Values for Full Speed & High Speed
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com