Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7840CV Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 16Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 17Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 18Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 19Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 20Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 21Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 22Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 23Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 20
Rev.
1.2
RS-422 / RS-485 Mode Support
Two additional modes of serial port operation are supported, these are:
•
RS-422 Mode – Full Duplex Serial Port for industrial applications
•
RS-485 Mode – Half Duplex Serial Port for industrial applications
RS-485
The RS-485 mode can be set using the Scratch
Pad Register bit[6] and bit[7] for each serial port.
This mode is a half duplex mode and the external
transceiver is controlled for transmission or
reception using the enable signal.
Scratch Pad
Bit[7]
Scratch Pad
Bit[6]
Operation
Summary
0X
RS-485 Mode
Disabled
10
RS-485 Mode
Enabled,
DTR High = Rx
DTR Low = Tx
11
RS-485 Mode
Enabled
DTR Low = Rx
DTR High = Tx
This is the
default
selection when
RS485 mode
is selected
through driver
property sheets.
RS-422
This is the full duplex mode.
This mode will work without the use of the DTR
signal for external transceiver control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com