Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7840CV Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 33Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 34Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 35Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 36Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 37Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 38Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 39Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 40Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 41Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 37
Electrical Specifications
Absolute Maximum Ratings:
Core Power Supply (Vcc
K)
-0.3 to 2.16 V
Power Supply of 3.3V I/O (Vcc
3I0)
-0.3 to 4.0 V
Input Voltage of 3.3V I/O (Vin
3 )
-0.3 to 4.0 V
Input Voltage of 5V Tolerant I/O (Vin
5)
-0.3 to 5.8 V
Operating Temperature
0 to +70 °C
Storage Temperature
-40 to +150 °C
ESD HBM (MIL-STD 883E Method 3015-7 Class 2)
2000 V
ESD MM (JEDEC EIA/JESD22 A115-A)
200 V
CDM (JEDEC/JESD22 C101-A)
500 V
Latch-up (JESD No. 78, March 1997)
200 mA, 1.5 x VCC
Junction Temperature (Tj)
115 °C
Thermal Resistance of Junction to Ambient (Still Air)
65 °C/W
Operating Conditions:
Symbol
Parameter
Min
Typ
Max
Units
Vcc
5A
5V Power Supply Input
4.5
5.0
5.5
V
Vcc
K
Core Power Supply
1.62
1.8
1.98
V
Vcc
3IO
Power Supply of 3.3V I/O
2.97
3.3
3.63
V
REG02_V18
1.8V Regulator Output
1.71
1.8
1.89
V
I
REG02_V18
1.8V Regulator Current
70
mA
REG06_VCC33
3.3V Regulator Output
3.14
3.3
3.46
V
I
REG06_VCC33
3.3V Regulator Current
250
mA
I
5V
Operating current of 5V when 3.3V and 1.8V
internal regulators are used. No serial load.
70
mA
I
3.3V
Operating current of 3.3V. No serial load.
45
mA
I
1.8V
Operating current of 1.8V. No serial load.
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com