Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7840CV Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 10Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 11Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 12Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 13Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 14Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 15Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 16Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 17Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 14
Rev.
1.2
Line Control Register (LCR):
The LCR specifies the data format that is common to both transmitter and receiver.
Register:
LCR
Description:
Line Control Register
Offset:
3
Permissions:
Read/Write
Access Condition:
Default Value:
0x00
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
DLE
TX
Break
Force
Parity
Odd/Even
Parity
Parity
Enable
Number of
Stop-Bits
Data
Length
LCR[1:0] Data Length of serial characters.
LCR[2]
Number of Stop-Bits per serial character.
LCR[5:3] Parity Type
The selected parity type will be generated
during transmission and checked by the
receiver, which may produce a parity
error as a result. In 9-bit mode parity is
disabled and LCR[5:3] are ignored.
LCR[6]
Transmission Break
Logic 0:
Transmission Break Disabled.
Logic 1:
Forces the transmitter data
output SOUT low to alert the
communications channel, or
sends zeroes in IrDA mode.
LCR[7]
Divisor Latch Enable
Logic 0:
Accesses to DLL and DLM
registers disabled.
Logic 1:
Accesses to DLL and DLM
registers enabled.
LCR[1:0]
Data Length
2’b00
5 bits
2’b01
6 bits
2’b10
7 bits
2’b11
8 bits
LCR[2]
Data Length
Number of
Stop-Bits
0
5, 6, 7, 8
1
1
5
1.5
1
6, 7, 8
2
LCR[5:3]
Parity Type
3’bxx0
No Parity
3’b001
Odd Parity
3’b011
Even Parity
3’b101
Parity bit forced to 1
3’b111
Parity bit forced to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com