Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256LE96ZB5 Datasheet(PDF) 71 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 67Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 68Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 69Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 70Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 71Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 72Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 73Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 74Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
DC and AC parameters
71/119
Table 27.
DC characteristics - currents
Symbol
Parameter
Test condition(1)
Typ
Max
Unit
ILI
Input leakage current
0 V
≤ V
IN ≤ VDDQ
±1
µA
ILO
Output leakage current
0 V
≤ V
OUT ≤ VDDQ
±1
µA
IDD1
Supply current
Asynchronous read (f=5 MHz)
E = VIL, G = VIH
25
35
mA
Supply current
Page read (f=13 MHz)
11
15
mA
Supply current
Synchronous read (f=66 MHz)
8 word
22
32
mA
16 word
19
26
mA
Continuous
25
34
mA
Supply current
Synchronous read (f = 108 MHz)
8 word
26
36
mA
16 word
23
30
mA
Continuous
30
42
mA
IDD2
Supply current (reset)
RP = VSS ± 0.2 V
256 Mbit
35
95
µA
512 Mbit
50
120
1 Gbit
70
224
IDD3
Supply current (standby)
E = VDDQ ± 0.2 V
K = VSS
256 Mbit
35
95
µA
512 Mbit
50
120
1 Gbit
70
224
IDD4
(1)
Supply current (automatic
standby)
E = VIL, G = VIH,
RP = VIH
256 Mbit
35
95
µA
512 Mbit
50
120
1 Gbit
70
224
IDD5
(2)
Supply current (deep power-
down)
245
µA
IDD6
(3)
Supply current (program)
VPP = VPPH, VPP = VDD
35
50
mA
Supply current (erase)
VPP = VPPH, VPP = VDD
35
50
mA
Supply current (blank check)
VPP = VPPH, VPP = VDD
35
50
mA
IDD7
(3)(4)
Supply current
(dual operations)
Program/erase in one bank,
asynchronous read in
another bank
60
80
mA
Program/erase in one bank,
synchronous read
(continuous, f = 108 MHz) in
another bank
65
92
mA
IDD8
(3)
Supply current program/ erase
suspended (standby)
E = VDDQ ±0.2 V
K = VSS
256 Mbit
35
95
µA
512 Mbit
50
120
1 Gbit
70
224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com