Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256LE96ZB5 Datasheet(PDF) 99 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 95Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 96Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 97Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 98Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 99Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 100Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 101Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 102Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Common Flash interface
99/119
(P+32)h = 13Ch
03h
Bank region 1 (Erase block type 1): Page mode and Synchronous mode
capabilities
Bit 0: page-mode reads permitted
Bit 1: synchronous reads permitted
Bit 2: synchronous writes permitted
Bits 3-7: reserved
(P+33)h = 13Dh
0Ah
Bank region 1 (Erase block type 1) programming region information
Bit 0-7: aligned size of programming region in bytes
Bit 8-14: reserved
Bit 15: Legacy Flash operation (ignore bit 0-7)
Bit 16-23: Control mode valid size in bytes
Bit 24-31: reserved
Bit 32-39: Control mode invalid size in bytes
Bit 40-46: reserved
Bit 47: Legacy Flash operation (ignore bit 16-23 and 32-39)
(P+34)h = 13Eh
00h
(P+35)h = 13Fh
10h
(P+36)h = 140h
00h
(P+37)h = 141h
10h
(P+38)h = 142h
00h
1.
The variable P is a pointer which is defined at CFI offset 015h.
2.
Bank regions. There is one bank region, see tables 36, 37, 38, 39, 40 and 41 in Appendix A.
3.
Applies to M58PR256LE.
4.
Applies to M58PR512LE.
5.
Applies to M58PR001LE.
Table 51.
Extended Flash array bank and erase block region information
Offset (1)
1.
The variable P is a pointer which is defined at CFI offset 015h.
Data
Description
(P+39)h = 143h
01h
Number of bank regions within the device(2)
2.
Bank regions. There is one EFA bank region.
Table 50.
Bank and erase block region 1 information(1) (continued)
Offset
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com