Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256LE96ZB5 Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 45Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 46Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 47Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 48Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 49Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 50Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 51Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 52Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Status Register
49/119
6.8
Program Suspend Status bit (SR2)
The program suspend status bit indicates that a program operation has been suspended in
the addressed block. The program suspend status bit is onlyconsidered valid when the
Program/Erase Controller status bit is set to ‘1’ (Program/Erase Controller inactive).
When:
●
SR2 = 0, no Program/Erase Suspend command has been issued.
●
SR2 = 1, a Program/Erase Suspend command has been issued and the memory is
waiting for a Program/Erase Resume command.
SR2 is set within the program suspend latency time of the Program/Erase Suspend
command being issued, therefore, the memory may still complete the operation rather than
entering suspend mode.
When a Program/Erase Resume command is issued, the program suspend status bit is
reset to ‘0’.
6.9
Block protection status bit (SR1)
The block protection status bit dentifies if a program or block erase operation has tried to
modify the contents of a locked block.
When:
●
SR1 = 0, no program or erase operation has been attempted on a locked block.
●
SR1 = 1, a program or erase operation has been attempted on a locked block.
Once set to ‘1’, the block protection status bit must be cleared by a Clear Status Register
command or a hardware reset. This must be done before a new program or erase command
is issued, otherwise the new command appears to fail.
6.10
Bank write/multiple word program status bit (SR0)
The bank write status bit indicates if the addressed bank is programming or erasing.
The bank write status bit is only considered valid when the Program/Erase Controller status
bit SR7 is set to ‘0’.
When:
●
SR0 = 0 and SR7 = 0, the addressed bank is executing a program or erase operation.
●
SR0 = 1 and SR7 = 0, a program or erase operation is being executed in a bank other
than the one being addressed.
During buffer enhanced factory program operations the multiple word program bit, SR0,
shows if the device is ready to accept a new word to be programmed to the memory array.
When:
●
SR0 = 0, the device is ready for the next word.
●
SR0 = 1, the device is not ready for the next word.
For further details on how to use the Status Register, see the flowcharts and pseudocodes
provided in Appendix C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com