Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256LE96ZB5 Datasheet(PDF) 85 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 81Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 82Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 83Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 84Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 85Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 86Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 87Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 88Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Part numbering
85/119
16
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
Table 35.
Ordering information scheme
Example:
M58PR256L
E 96
ZB
5
Device type
M58
Architecture
P = Multilevel, multiple bank, large buffer
Operating voltage
R = VDD = 1.7 V to 2.0 V, VDDQ = 1.7 V to 2.0 V
Density
256 = 256 Mbit
512 = 512 Mbit
001 = 1 Gbit
Technology
L = 65 nm technology multilevel design
Memory organization
E = Uniform blocks
Speed
96 = 96 ns
Package
Not packaged separately(1)
1.
The M58PRxxxLE memories are only available as part of a multichip package device.
Temperature range
5 = –30 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com