Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256LE96ZB5 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 21Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 22Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 23Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 24Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 25Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 26Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 27Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 28Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Command interface
25/119
4.7
Program command
The Program command programs a single word to the memory array. It is supported only by
program regions configured in control program mode. If a Program command is issued to a
program region configured in object program mode, the program operation is aborted and
the SR4 and SR8 Status Register bits are set (see Section 5: Program operations).
Two bus write cycles are required to issue the Program command.
●
The first bus cycle sets up the Program command.
●
The second latches the address and data to be programmed and starts the P/EC
(Program/Erase Controller).
The Program command has to be written to the ’A’ segment halves (address bit A3 = 0) in
the 1 Kbyte program region, whereas the data to be programmed is written to the specific
address of the bank to be programmed.
Once the programming has started, read operations in the bank being programmed output
the Status Register contents. Programming can be performed in one bank at a time,
meanwhile the other banks must be in Read or Erase Suspend mode.
The Status Register P/EC bit, SR7, indicates the progress of the program operation. It
should be read to check whether the operation has completed or not.
After completion of the program operation (SR7 = 1), one of the error bits (SR4, SR3 and
SR1) going High means that an error was detecte. Either a failure occurred during
programming, VPP is outside the allowed voltage range, or an attempt to program a locked
block was made. See Section 6: Status Register for detailed information.
During a program operation, the bank containing the word being programmed only accepts
the Read Array, Read Status Register, Read Electronic Signature, Read CFI Query and the
Program/Erase Suspend command; all other commands are ignored. A Read Array
command is required to return the bank to read array mode.
Refer to Chapter 11 for detailed information about simultaneous operations allowed in banks
not being programmed.
Typical program times are given in Table 23: Program/erase times and endurance cycles.
The program operation aborts if Reset, RP, goes to VIL. As data integrity cannot be
guaranteed when the program operation is aborted, the word must be reprogrammed.
See Appendix C, Figure 20: Program and EFA block program flowchart and pseudocode for
the flowchart for using the Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com