Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256LE96ZB5 Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 40Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 41Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 42Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 43Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 44Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 45Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 46Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 47Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 119 page
background image
Program operations
M58PR256LE, M58PR512LE, M58PR001LE
44/119
5.3.1
Single word program method
The single word program method is based on the Program command. It is only supported by
program regions configured in the control program mode.
If the single word program method is attempted in a program region configured in the object
program mode, the program operation is aborted and Status Register bits SR4 and SR8 are
set.
See Section 4: Command interface for a detailed description of the Program command.
In program regions configured in the control program mode, the Program command can be
issued several times.
Using the single word program method to program one or more bits to '0' in the ’B’ halves of
the segments (A3 = 1) of an erased or already programmed program region generates an
error:
●
In the case of an erased program region, this is considered an illegal operation that
sets Status Register bits SR4 and SR9.
●
In the case of an already programmed program region, an error is always generated
because:
–
To be able to write to a program region configured in the object program mode, the
entire block that contains the program region must be erased first.
–
It is not allowed to write to the ’B’ halves of the segments of a program region
configured in the control program mode.
5.3.2
Buffer program method
The buffer program method is based on the Buffer Program command and uses a 1 Kbyte
write buffer to speed up programming. The data is written to the write buffer and then
programmed to the specified main array location.
The buffer program method is supported regardless of the program mode of the program
regions. When using the buffer program method in a program region configured in the object
program mode, the start address must be aligned to the 1 Kbyte write buffer.
When using the buffer program method in a program region configured in the control
program mode, the address to be programmed must be located inside the ’A’ halves of the
program region’s segments (addresses with A3 = 0) and the ’B’ halves of the segments
(addresses with A3= 1) must be filled only with FFFFh data.
The Buffer Program command can be issued several times to program regions configured in
the control program mode.
The Buffer Program command can only be issued once in program regions configured in the
object program mode. Attempts to program the same program regions by re-issuing the
Buffer Program command leads to data corruption.
See Section 4: Command interface for a detailed description of the Buffer Program
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com