Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256LE96ZB5 Datasheet(PDF) 34 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 30Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 31Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 32Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 33Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 34Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 35Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 36Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 37Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 119 page
background image
Command interface
M58PR256LE, M58PR512LE, M58PR001LE
34/119
4.20
Program EFA Block command
The Program EFA Block command programs a single word to an EFA block.
Two bus write cycles are required to issue the Program EFA Block command.
●
The first bus cycle sets up the Program EFA Block command.
●
The second cycle latches the address and data to be programmed and starts the
Program/Erase Controller.
Once the programming has started, read operations in the bank being programmed output
the Status Register contents.
Issuing the Program EFA Block command to an address outside the EFA block address
range generates a Program Error in the Status Register (SR4=1).
A Read EFA Block command is required to return the bank to Read EFA mode. Refer to
Section 11 for detailed information about simultaneous operations allowed in the banks not
being programmed. Typical EFA Program times are given in Table 23: Program/erase times
and endurance cycles.
The program operation aborts if Reset, RP, is at VIL. As data integrity cannot be guaranteed
when a program EFA block operation is aborted, the word must be reprogrammed. See
Appendix C, Figure 20: Program and EFA block program flowchart and pseudocode for the
flowchart for using the Program EFA Block command.
4.21
Erase EFA Block command
The Erase EFA Block command erases an EFA block. It sets all the bits within the selected
block to '1', and all previous data in the block is lost. If the EFA block is protected, then the
erase operation aborts, the data in the EFA block is not changed, and the Status Register
outputs the error.
Two bus write cycles are required to issue the command.
●
The first bus cycle sets up the Erase EFA Block command.
●
The second latches the EFA block address and starts the Program/Erase Controller.
The first cycle brings the EFA plane to the foreground and latches the address of the EFA
block to be erased. Reading from the bank when the EFA plane is in the foreground returns
the Status Register.
Once the Erase operation has started, read operations in the bank being erased output the
Status Register contents.
If the Erase EFA Block Confirm command code is not issued in the second bus cycle, Status
Register bits SR4 and SR5 are set, the command is aborted, and the addressed bank
remains in the Read Status Register mode.
Issuing the Erase EFA Block command outside the EFA block address range generates an
error in the Status Register (SR5=1).
The erase EFA block operation aborts if Reset, RP, is at VIL. As data integrity cannot be
guaranteed when the erase EFA block operation is aborted, the block must be erased again.
Refer to Section 11: Dual operations and multiple bank architecture section for detailed
information about simultaneous operations allowed with array and non-array blocks. Typical
erase times are provided in Table 23: Program/erase times and endurance cycles.
See Appendix C, Figure 23: Block erase and EFA block erase flowchart and pseudocode for
a suggested flowchart for using the Erase EFA Block command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com