Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 67Page - STMicroelectronics ST10F272 Datasheet HTML 68Page - STMicroelectronics ST10F272 Datasheet HTML 69Page - STMicroelectronics ST10F272 Datasheet HTML 70Page - STMicroelectronics ST10F272 Datasheet HTML 71Page - STMicroelectronics ST10F272 Datasheet HTML 72Page - STMicroelectronics ST10F272 Datasheet HTML 73Page - STMicroelectronics ST10F272 Datasheet HTML 74Page - STMicroelectronics ST10F272 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 179 page
background image
ST10F272
Serial channels
71/179
Note:
The deviation errors given in the Table 40 and Table 41 are rounded. To avoid deviation
errors use a Baud rate crystal (providing a multiple of the ASC0 sampling frequency).
15.3
ASCx in synchronous mode
In synchronous mode, data is transmitted or received synchronously to a shift clock which is
generated by the ST10F272. Half-duplex communication up to 8M Baud (at 40 MHz of fCPU)
is possible in this mode.
Table 41.
ASC asynchronous baud rates by reload value and deviation errors (fCPU = 64 MHz)
S0BRS = ‘0’, fCPU = 64 MHz
S0BRS = ‘1’, fCPU = 64 MHz
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
2 000 000
0.0% / 0.0%
0000 / 0000
1 333 333
0.0% / 0.0%
0000 / 0000
112 000
+1.5% / -7.0%
0010 / 0011
112 000
+6.3% / -7.0%
000A / 000B
56 000
+1.5% / -3.0%
0022 / 0023
56 000
+6.3% / -0.8%
0016 / 0017
38 400
+1.7% / -1.4%
0033 / 0034
38 400
+3.3% / -1.4%
0021 / 0022
19 200
+0.2% / -1.4%
0067 / 0068
19 200
+0.9% / -1.4%
0044 / 0045
9 600
+0.2% / -0.6%
00CF / 00D0
9 600
+0.9% / -0.2%
0089 / 008A
4 800
+0.2% / -0.2%
019F / 01A0
4 800
+0.4% / -0.2%
0114 / 0115
2 400
+0.2% / 0.0%
0340 / 0341
2 400
+0.1% / -0.2%
022A / 015B
1 200
0.1% / 0.0%
0681 / 0682
1 200
+0.1% / -0.1%
0456 / 0457
600
0.0% / 0.0%
0D04 / 0D05
600
+0.1% / 0.0%
08AD / 08AE
300
0.0% / 0.0%
1A09 / 1A0A
300
0.0% / 0.0%
115B / 115C
245
0.0% / 0.0%
1FE2 / 1FE3
163
0.0% / 0.0%
1FF2 / 1FF3
Table 42.
ASC synchronous baud rates by reload value and deviation errors (fCPU = 40 MHz)
S0BRS = ‘0’, fCPU = 40 MHz
S0BRS = ‘1’, fCPU = 40 MHz
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
5 000 000
0.0% / 0.0%
0000 / 0000
3 333 333
0.0% / 0.0%
0000 / 0000
112 000
+1.5% / -0.8%
002B / 002C
112 000
+2.6% / -0.8%
001C / 001D
56 000
+0.3% / -0.8%
0058 / 0059
56 000
+0.9% / -0.8%
003A / 003B
38 400
+0.2% / -0.6%
0081 / 0082
38 400
+0.9% / -0.2%
0055 / 0056
19 200
+0.2% / -0.2%
0103 / 0104
19 200
+0.4% / -0.2%
00AC / 00AD
9 600
+0.2% / 0.0%
0207 / 0208
9 600
+0.1% / -0.2%
015A / 015B
4 800
+0.1% / 0.0%
0410 / 0411
4 800
+0.1% / -0.1%
02B5 / 02B6
2 400
0.0% / 0.0%
0822 / 0823
2 400
+0.1% / 0.0%
056B / 056C
1 200
0.0% / 0.0%
1045 / 1046
1 200
0.0% / 0.0%
0AD8 / 0AD9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com