Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 87Page - STMicroelectronics ST10F272 Datasheet HTML 88Page - STMicroelectronics ST10F272 Datasheet HTML 89Page - STMicroelectronics ST10F272 Datasheet HTML 90Page - STMicroelectronics ST10F272 Datasheet HTML 91Page - STMicroelectronics ST10F272 Datasheet HTML 92Page - STMicroelectronics ST10F272 Datasheet HTML 93Page - STMicroelectronics ST10F272 Datasheet HTML 94Page - STMicroelectronics ST10F272 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 179 page
background image
ST10F272
System reset
91/179
Figure 23.
Synchronous long hardware RESET (EA = 1)
P0[15:13]
not transparent
RSTF
P0[12:2]
transparent
not t.
P0[1:0]
not t.
not transparent
FLARST
RST
≤ 1 ms
1024+8 TCL
≤ 2 TCL
1) V
RPD > 2.5V Asynchronous Reset not entered
200
µA Discharge
RPD
RSTOUT
At this time RSTF is sampled LOW
so it is definitely LONG reset
(After Filter)
RSTIN
1024+8 TCL
≤4 TCL2) ≤12 TCL
≤ 500 ns
≥ 50 ns
≤ 500 ns
≥ 50 ns
≤ 500 ns
≥ 50 ns
IBUS-CS
7 TCL
1. If during the reset condition (RSTIN low), RPD voltage drops below the threshold voltage (about 2.5V for 5V operation),
the asynchronous reset is then immediately entered. Even if RPD returns above the threshold,
2. Minimum RSTIN low pulse duration shall also be longer than 500ns to guarantee the pulse is not masked by the
internal filter (refer to Section 21.1).
Notes:
not t.
transparent
not t.
3..4 TCL
(Internal)
the reset is defnitively taken as asynchronous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com