Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 69Page - STMicroelectronics ST10F272 Datasheet HTML 70Page - STMicroelectronics ST10F272 Datasheet HTML 71Page - STMicroelectronics ST10F272 Datasheet HTML 72Page - STMicroelectronics ST10F272 Datasheet HTML 73Page - STMicroelectronics ST10F272 Datasheet HTML 74Page - STMicroelectronics ST10F272 Datasheet HTML 75Page - STMicroelectronics ST10F272 Datasheet HTML 76Page - STMicroelectronics ST10F272 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 179 page
background image
ST10F272
Serial channels
73/179
Table 44 and Table 45 list some possible Baud rates against the required reload values and
the resulting bit times for 40 MHz and 64 MHz CPU clock respectively. The maximum is
anyway limited to 8Mbaud.
Table 44.
Synchronous baud rate and reload values (fCPU = 40 MHz)
Baud Rate
Bit Time
Reload Value
Reserved
---
0000h
Can be used only with fCPU = 32 MHz (or
lower)
---
0001h
6.6M Baud
150ns
0002h
5M Baud
200ns
0003h
2.5M Baud
400ns
0007h
1M Baud
1
µs
0013h
100K Baud
10
µs
00C7h
10K Baud
100
µs07CFh
1K Baud
1ms
4E1Fh
306 Baud
3.26ms
FF4Eh
Table 45.
Synchronous baud rate and reload values (fCPU = 64 MHz)
Baud Rate
Bit Time
Reload Value
Reserved
---
0000h
Can be used only with fCPU = 32 MHz (or
lower)
---
0001h
Can be used only with fCPU = 48 MHz (or
lower)
---
0002h
8M Baud
125ns
0003h
4M Baud
250ns
0007h
1M Baud
1
µs
001Fh
100K Baud
10
µs
013Fh
10K Baud
100
µs0C7Fh
1K Baud
1ms
7CFFh
489 Baud
2.04ms
FF9Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com