Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272 Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 80Page - STMicroelectronics ST10F272 Datasheet HTML 81Page - STMicroelectronics ST10F272 Datasheet HTML 82Page - STMicroelectronics ST10F272 Datasheet HTML 83Page - STMicroelectronics ST10F272 Datasheet HTML 84Page - STMicroelectronics ST10F272 Datasheet HTML 85Page - STMicroelectronics ST10F272 Datasheet HTML 86Page - STMicroelectronics ST10F272 Datasheet HTML 87Page - STMicroelectronics ST10F272 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 179 page
background image
System reset
ST10F272
84/179
Figure 18.
Asynchronous power-on RESET (EA = 0)
Hardware reset
The asynchronous reset must be used to recover from catastrophic situations of the
application. It may be triggered by the hardware of the application. Internal hardware logic
and application circuitry are described in Reset circuitry chapter and Figures 30, 31 and 32.
It occurs when RSTIN is low and RPD is detected (or becomes) low as well.
RSTIN
P0[15:13]
P0[12:2]
not t.
transparent
not t.
P0[1:0]
not t.
not transparent
V18
XTAL1
...
3..8 TCL1)
RST
Latching point of Port0 for
system start-up configuration
VDD
≥ 1 ms (for on-chip VREG stabilization)
RPD
ALE
≥ 1.2 ms (for resonator oscillation + PLL stabilization)
≥ 10.2 ms (for crystal oscillation + PLL stabilization)
Note 1. 3 to 8 TCL depending on clock source selection.
RSTF
≤ 500 ns
(After Filter)
≥ 50 ns
8 TCL
transparent
3..4 TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com