Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 30Page - STMicroelectronics ST10F272 Datasheet HTML 31Page - STMicroelectronics ST10F272 Datasheet HTML 32Page - STMicroelectronics ST10F272 Datasheet HTML 33Page - STMicroelectronics ST10F272 Datasheet HTML 34Page - STMicroelectronics ST10F272 Datasheet HTML 35Page - STMicroelectronics ST10F272 Datasheet HTML 36Page - STMicroelectronics ST10F272 Datasheet HTML 37Page - STMicroelectronics ST10F272 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 179 page
background image
Internal Flash memory
ST10F272
34/179
5.4.6
Flash data register 0 high
5.4.7
Flash data register 1 low
5.4.8
Flash data register 1 high
FDR0H (0x08 000A)
FCR
Reset value:
FFFFh
15
14
13
12
11
10
987
65432
10
DIN31 DIN30 DIN29 DIN28 DIN27 DIN26 DIN25 DIN24 DIN23 DIN22 DIN21 DIN20 DIN19 DIN18 DIN17 DIN16
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 13.
Flash data register 0 high
Bit
Function
DIN(31:16)
Data Input 31:16
These bits must be written with the Data to program the Flash with the following
operations: Word Program (32-bit), Double Word Program (64-bit) and Set
Protection.
FDR1L (0x08 000C)
FCR
Reset value:
FFFFh
15
14
13
12
11
10
987
65432
10
DIN15 DIN14 DIN13 DIN12 DIN11 DIN10 DIN9 DIN8 DIN7 DIN6 DIN5 DIN4 DIN3 DIN2 DIN1 DIN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 14.
Flash data register 1 low
Bit
Function
DIN(15:0)
Data Input 15:0
These bits must be written with the Data to program the Flash with the following
operations: Word Program (32-bit), Double Word Program (64-bit) and Set
Protection.
FDR1H (0x08 000E)
FCR
Reset value:
FFFFh
15
14
13
12
11
10
987
65432
10
DIN31 DIN30 DIN29 DIN28 DIN27 DIN26 DIN25 DIN24 DIN23 DIN22 DIN21 DIN20 DIN19 DIN18 DIN17 DIN16
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 15.
Flash data register 1 high
Bit
Function
DIN(31:16)
Data Input 31:16
These bits must be written with the Data to program the Flash with the following
operations: Word Program (32-bit), Double Word Program (64-bit) and Set
Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com